Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7243AR Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7243AR
Szczegółowy opis  LC2MOS 12-Bit Serial DACPORT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7243AR Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7243AR Datasheet HTML 4Page - Analog Devices AD7243AR Datasheet HTML 5Page - Analog Devices AD7243AR Datasheet HTML 6Page - Analog Devices AD7243AR Datasheet HTML 7Page - Analog Devices AD7243AR Datasheet HTML 8Page - Analog Devices AD7243AR Datasheet HTML 9Page - Analog Devices AD7243AR Datasheet HTML 10Page - Analog Devices AD7243AR Datasheet HTML 11Page - Analog Devices AD7243AR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD7243
–10–
REV. A
AD7243–87C51 Interface
A serial interface between the AD7243 and the 87C51
microcontroller is shown in Figure 14. TXD of the 87C51 drives
SCLK of the AD7243, while RXD drives the serial data line of
the part. The
SYNC signal is derived from the port line P3.3.
The 87C51 provides the LSB of its SBUF register as the first bit
in the serial data stream. Therefore, the user will have to ensure
that the data in the SBUF register is arranged correctly so that
the don’t care bits are the first to be transmitted to the AD7243
and the last bit to be sent is the LSB of the word to be loaded to
the AD7243. When data is to be transmitted to the part, P3.3 is
taken low. Data on RXD is valid on the falling edge of TXD.
The 87C51 transmits its serial data in 8-bit bytes with only eight
falling clock edges occurring in the transmit cycle. To load data
to the AD7243, P3.3 is left low after the first eight bits are trans-
ferred and a second byte of data is then transferred serially to the
AD7243. When the second serial transfer is complete, the P3.3
line is taken high.
Figure 14 shows the
LDAC input of the AD7243 hard wired
low. As a result, the DAC latch and the analog output will be up-
dated on the sixteenth falling edge of TXD after the
SYNC sig-
nal for the DAC has gone low. Alternatively, the scheme used in
previous interfaces, whereby the
LDAC input is driven from a
timer, can be used.
LDAC
SCLK
SDIN
AD7243*
SYNC
*ADDITIONAL PINS OMITTED FOR CLARITY
P3.3
TXD
RXD
87C51*
Figure 14. AD7243–87C51 Interface
AD7243–68HC11 Interface
Figure 15 shows a serial interface between the AD7243 and the
68HC11 microcontroller. SCK of the 68HC11 drives SCLK of
the AD7243 while the MOSI output drives the serial data line of
the AD7243. The
SYNC signal is derived from a port line (PC7
shown).
For correct operation of this interface, the 68HC11 should be
configured such that its CPOL bit is a 0 and its CPHA bit is a 1.
When data is to be transmitted to the part, PC7 is taken low.
When the 68HC11 is configured like this, data on MOSI is valid
on the falling edge of SCK. The 68HC11 transmits its serial data
in 8-bit bytes with only eight falling clock edges occurring in the
transmit cycle. To load data to the AD7243, PC7 is left low after
the first eight bits are transferred and a second byte of data is
then transferred serially to the AD7243. When the second serial
transfer is complete, the PC7 line is taken high.
Figure 15 shows the
LDAC input of the AD7243 hardwired
low. As a result, the DAC latch and the analog output of the
DAC will be updated on the sixteenth falling edge of SCK after
the respective
SYNC signal has gone low. Alternatively, the
scheme used in previous interfaces, whereby the
LDAC input is
driven from a timer, can be used.
LDAC
SCLK
SDIN
AD7243*
SYNC
*ADDITIONAL PINS OMITTED FOR CLARITY
PC7
SCK
MOSI
68HC11*
Figure 15. AD7243–68HC11 Interface
Multiple DAC Daisy-Chain Interface
A multi-DAC serial interface is shown in Figure 16. This
scheme may be used with all of the interfaces previously dis-
cussed if more than one DAC is required in a system. To enable
the facility the DCEN pin must be connected high on all de-
vices, including the last device in the chain.
SCLK
AD7243*
SYNC
LDAC
*ADDITIONAL PINS OMITTED FOR CLARITY
PA1
PA2
PA3
MICROCONTROLLER
PA0
SDIN
DCEN
SDO
SCLK
AD7243*
SYNC
LDAC
SDIN
DCEN
SDO
SCLK
AD7243*
SYNC
LDAC
SDIN
DCEN
SDO
V
DD
V
DD
V
DD
Figure 16. AD7243 Daisy-Chain Configuration


Podobny numer części - AD7243AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7243AR AD-AD7243AR Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243AR AD-AD7243AR Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ARZ AD-AD7243ARZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ARZ AD-AD7243ARZ Datasheet
282Kb / 13P
   LC2MOS 12-Bit Serial DACPORT
Rev. B
AD7243ARZ-REEL AD-AD7243ARZ-REEL Datasheet
282Kb / 13P
   LC2MOS 12-Bit Serial DACPORT
Rev. B
More results

Podobny opis - AD7243AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7243 AD-AD7243 Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ARZ AD-AD7243ARZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243 AD-AD7243_V01 Datasheet
282Kb / 13P
   LC2MOS 12-Bit Serial DACPORT
Rev. B
AD7249 AD-AD7249 Datasheet
149Kb / 12P
   LC2MOS Dual 12-Bit Serial DACPORT
REV. C
AD7245JNZ AD-AD7245JNZ Datasheet
3Mb / 16P
   LC2MOS 12-BiT DACPORT
AD7233 AD-AD7233 Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7248JNZ AD-AD7248JNZ Datasheet
3Mb / 16P
   LC2MOS 12-Bit DACPORT
AD7245 AD-AD7245 Datasheet
1Mb / 16P
   LC2MOS 12-Bit DACPORT
REV. A
AD7247AAR-REEL AD-AD7247AAR-REEL Datasheet
1Mb / 12P
   LC2MOS Dual 12-Bit DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com