Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7243BR Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD7243BR
Szczegółowy opis  LC2MOS 12-Bit Serial DACPORT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7243BR Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD7243BR Datasheet HTML 2Page - Analog Devices AD7243BR Datasheet HTML 3Page - Analog Devices AD7243BR Datasheet HTML 4Page - Analog Devices AD7243BR Datasheet HTML 5Page - Analog Devices AD7243BR Datasheet HTML 6Page - Analog Devices AD7243BR Datasheet HTML 7Page - Analog Devices AD7243BR Datasheet HTML 8Page - Analog Devices AD7243BR Datasheet HTML 9Page - Analog Devices AD7243BR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD7243
–6–
REV. A
0 V, to allow full sink capability of 2.5 mA over the entire
output range and to eliminate the effects of negative offsets on
the transfer characteristic (outlined previously). A plot of the
output sink capability of the amplifier is shown in Figure 5.
3
2
1
0
0
2
4
68
10
OUTPUT VOLTAGE – Volts
V
= –15V
SS
V
= 0V
SS
Figure 5. Amplifier Sink Current
DIGITAL INTERFACE
The AD7243 contains an input serial to parallel shift register
and a DAC latch. A simplified diagram of the input loading
DAC LATCH (12 BITS)
INPUT SHIFT REGISTER (16 BITS)
GATING
SIGNAL
GATED
SCLK
SDO
RESET
EN
÷16
COUNTER/
DECODER
AUTO – UPDATE
CIRCUITRY
DCEN
SYNC
SCLK
SDIN
LDAC
CLR
Figure 6. Simplified Loading Structure
SCLK
DB11
MSB
DB14
*
DB13
*
DB12
*
DB0
LSB
* = DON'T CARE
t
1
t
2
t
3
t
4
t
5
SDIN
SYNC
LDAC
CLR
DB15
*
t
6
t
7
t
8
t
9
Figure 7. Timing Diagram (Standalone Mode)
circuitry is shown in Figure 6. Serial data on the SDIN input is
loaded to the input register under control of DCEN,
SYNC and
SCLK. When a complete word is held in the shift register, it
may then be loaded into the DAC latch under control of
LDAC. Only the data in the DAC latch determines the analog
output on the AD7243.
The DCEN (daisy-chain enable) input is used to select either a
standalone mode or a daisy-chain mode. The loading format is
slightly different depending on which mode is selected.
Serial Data Loading Format (Standalone Mode)
With DCEN at Logic 0 the standalone mode is selected. In this
mode a low
SYNC input provides the frame synchronization
signal which tells the AD7243 that valid serial data on the SDIN
input will be available for the next 16 falling edges of SCLK. An
internal counter/decoder circuit provides a low gating signal so
that only 16 data bits are clocked into the input shift register.
After 16 SCLK pulses the internal gating signal goes inactive
(high) thus locking out any further clock pulses. Therefore, ei-
ther a continuous clock or a burst clock source may be used to
clock in the data.
The
SYNC input should be taken high after the complete 16-bit
word is loaded in.


Podobny numer części - AD7243BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7243BR AD-AD7243BR Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243BR AD-AD7243BR Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
More results

Podobny opis - AD7243BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7243 AD-AD7243 Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ARZ AD-AD7243ARZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243 AD-AD7243_V01 Datasheet
282Kb / 13P
   LC2MOS 12-Bit Serial DACPORT
Rev. B
AD7249 AD-AD7249 Datasheet
149Kb / 12P
   LC2MOS Dual 12-Bit Serial DACPORT
REV. C
AD7245JNZ AD-AD7245JNZ Datasheet
3Mb / 16P
   LC2MOS 12-BiT DACPORT
AD7233 AD-AD7233 Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7248JNZ AD-AD7248JNZ Datasheet
3Mb / 16P
   LC2MOS 12-Bit DACPORT
AD7245 AD-AD7245 Datasheet
1Mb / 16P
   LC2MOS 12-Bit DACPORT
REV. A
AD7247AAR-REEL AD-AD7247AAR-REEL Datasheet
1Mb / 12P
   LC2MOS Dual 12-Bit DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com