Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7243BR Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD7243BR
Szczegółowy opis  LC2MOS 12-Bit Serial DACPORT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7243BR Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD7243BR Datasheet HTML 4Page - Analog Devices AD7243BR Datasheet HTML 5Page - Analog Devices AD7243BR Datasheet HTML 6Page - Analog Devices AD7243BR Datasheet HTML 7Page - Analog Devices AD7243BR Datasheet HTML 8Page - Analog Devices AD7243BR Datasheet HTML 9Page - Analog Devices AD7243BR Datasheet HTML 10Page - Analog Devices AD7243BR Datasheet HTML 11Page - Analog Devices AD7243BR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. A
–9–
AD7243
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD7243 is via a serial bus
which uses standard protocol compatible with DSP processors
and microcontrollers. The communications channel requires a
three-wire interface consisting of a clock signal, a data signal
and a synchronization signal. The AD7243 requires a 16-bit
data word with data valid on the falling edge of SCLK. For all
the interfaces, the DAC update may be done automatically
when all the data is clocked in or it may be done under control
of
LDAC.
Figures 11 to 16 show the AD7243 configured for interfacing to
a number of popular DSP processors and microcontrollers.
AD7243–ADSP-2101/ADSP-2102 Interface
Figure 11 shows a serial interface between the AD7243 and the
ADSP-2101/ADSP-2102 DSP processor. The ADSP-2101/
ADSP-2102 contains two serial ports, and either port may be
used in the interface. The data transfer is initiated by
TFS going
low. Data from the ADSP-2101/ADSP-2102 is clocked into the
AD7243 on the falling edge of SCLK. When the data transfer is
complete,
TFS is taken high. In the interface shown the DAC is
updated using an external timer which generates an
LDAC
pulse. This could also be done using a control or decoded ad-
dress line from the processor. Alternatively, the
LDAC input
could be hard wired low and in this case the update takes place
automatically on the sixteenth falling edge of SCLK.
ADSP - 2101/
ADSP - 2102*
TIMER
TFS
SCLK
DT
LDAC
SYNC
SCLK
SDIN
AD7243*
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 11. AD7243–ADSP-2101/ADSP-2102 Interface
AD7243–DSP56000 Interface
A serial interface between the AD7243 and the DSP56000 is
shown in Figure 12. The DSP56000 is configured for Normal
Mode Asynchronous operation with Gated Clock. It is also set
up for a 16-bit word with SCK and SC2 as outputs and the FSL
control bit set to a “0.” SCK is internally generated on the
DSP56000 and applied to the AD7243 SCLK input. Data from
the DSP56000 is valid on the falling edge of SCK. The SC2
output provides the framing pulse for valid data. This line must
be inverted before being applied to the
SYNC input of the
AD7243.
The
LDAC input of the AD7243 is connected to DGND so the
update of the DAC latch takes place automatically on the six-
teenth falling edge of SCLK. An external timer could also be
used as in the previous interface if an external update is
required.
DSP56000
SCK
STD
SC2
LDAC
SCLK
SDIN
AD7243*
SYNC
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 12. AD7243–DSP56000 Interface
AD7243–TMS32020 Interface
Figure 13 shows a serial interface between the AD7243 and the
TMS32020 DSP processor. In this interface, the CLKX and
FSX signals for the TMS32020 should be generated using ex-
ternal clock/timer circuitry. The FSX pin of the TMS32020
must be configured as an input. Data from the TMS32020 is
valid on the falling edge of CLKX.
The clock/timer circuitry generates the
LDAC signal for the
AD7243 to synchronize the update of the output with the serial
transmission. Alternatively, the automatic update mode may be
selected by connecting
LDAC to DGND.
LDAC
SYNC
SCLK
SDIN
AD7243*
*ADDITIONAL PINS OMITTED FOR CLARITY
CLOCK/
TIMER
TMS32020
FSX
CLKX
DX
Figure 13. AD7243–TMS32020 Interface


Podobny numer części - AD7243BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7243BR AD-AD7243BR Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243BR AD-AD7243BR Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
More results

Podobny opis - AD7243BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7243 AD-AD7243 Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ARZ AD-AD7243ARZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243 AD-AD7243_V01 Datasheet
282Kb / 13P
   LC2MOS 12-Bit Serial DACPORT
Rev. B
AD7249 AD-AD7249 Datasheet
149Kb / 12P
   LC2MOS Dual 12-Bit Serial DACPORT
REV. C
AD7245JNZ AD-AD7245JNZ Datasheet
3Mb / 16P
   LC2MOS 12-BiT DACPORT
AD7233 AD-AD7233 Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7248JNZ AD-AD7248JNZ Datasheet
3Mb / 16P
   LC2MOS 12-Bit DACPORT
AD7245 AD-AD7245 Datasheet
1Mb / 16P
   LC2MOS 12-Bit DACPORT
REV. A
AD7247AAR-REEL AD-AD7247AAR-REEL Datasheet
1Mb / 12P
   LC2MOS Dual 12-Bit DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com