Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A3160DBVTE4 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części TS5A3160DBVTE4
Szczegółowy opis  5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS5A3160DBVTE4 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TS5A3160DBVTE4 Datasheet HTML 2Page - Texas Instruments TS5A3160DBVTE4 Datasheet HTML 3Page - Texas Instruments TS5A3160DBVTE4 Datasheet HTML 4Page - Texas Instruments TS5A3160DBVTE4 Datasheet HTML 5Page - Texas Instruments TS5A3160DBVTE4 Datasheet HTML 6Page - Texas Instruments TS5A3160DBVTE4 Datasheet HTML 7Page - Texas Instruments TS5A3160DBVTE4 Datasheet HTML 8Page - Texas Instruments TS5A3160DBVTE4 Datasheet HTML 9Page - Texas Instruments TS5A3160DBVTE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TS5A3160
SCDS216C – OCTOBER 2005 – REVISED MARCH 2012
www.ti.com
ELECTRICAL CHARACTERISTICS FOR 3.3-V SUPPLY
(1)
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNC, VNO
0
V+
V
range
25°C
1.3
1.6
Peak ON
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
rpeak
3 V
resistance
ICOM = –100 mA,
See Figure 13
Full
2
25°C
1.2
1.5
ON-state
VNO or VNC = 2 V,
Switch ON,
ron
3 V
resistance
ICOM = –100 mA,
See Figure 13
Full
1.7
ON-state
25°C
0.1
0.15
resistance
VNO or VNC = 2 V, 0.8 V,
Switch ON,
match
Δron
3 V
ICOM = –100 mA,
See Figure 13
Full
0.15
between
channels
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
25°C
0.2
ON-state
ICOM = –100 mA,
See Figure 13
resistance
ron(flat)
3 V
25°C
0.15
0.3
VNO or VNC = 2 V, 0.8 V,
Switch ON,
flatness
ICOM = –100 mA,
See Figure 13
Full
0.3
VNC or VNO = 1 V,
25°C
–20
2
20
VCOM = 3 V,
INC(OFF),
Switch OFF,
or
3.6 V
nA
NC, NO
INO(OFF)
See Figure 14
Full
–50
50
VNC or VNO = 3 V,
OFF leakage
VCOM = 1 V,
current
25°C
–1
0.2
1
INC(PWROFF),
VNC or VNO = 0 to 3.6 V,
Switch OFF,
0 V
μA
INO(PWROFF)
VCOM = 3.6 V to 0,
See Figure 14
Full
–15
15
VNC or VNO = 1 V,
25°C
–10
2
10
NC, NO
VCOM = Open,
INC(ON),
Switch ON,
ON leakage
or
3.6 V
nA
INO(ON)
See Figure 15
Full
–20
20
current
VNC or VNO = 3 V,
VCOM = Open,
COM
25°C
–1
0.2
1
VCOM = 0 to 3.6 V,
Switch OFF,
OFF leakage
ICOM(PWROFF)
0 V
μA
VNC or VNO = 3.6 V to 0,
See Figure 14
Full
–15
15
current
VCOM = 1 V,
25°C
–10
2
10
COM
VNC or VNO = Open,
Switch ON,
ON leakage
ICOM(ON)
or
3.6 V
nA
See Figure 15
Full
–20
20
current
VCOM = 3 V,
VNC or VNO = Open,
Digital Control Input (IN)(2)
Input logic high
VIH
Full
2
5.5
V
Input logic low
VIL
Full
0
0.8
V
25°C
–2
2
Input leakage
IIH, IIL
VI = 5.5 V or 0
3.6 V
nA
current
Full
–100
100
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
6
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Link(s): TS5A3160


Podobny numer części - TS5A3160DBVTE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3160DBVTE4 TI-TS5A3160DBVTE4 Datasheet
683Kb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160DBVTE4 TI1-TS5A3160DBVTE4 Datasheet
1Mb / 31P
[Old version datasheet]   SPDT Analog Switch
More results

Podobny opis - TS5A3160DBVTE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3160 TI-TS5A3160_09 Datasheet
683Kb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_10 Datasheet
781Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI1-TS5A3153_14 Datasheet
1Mb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153_15 Datasheet
963Kb / 27P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153_09 Datasheet
759Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153 Datasheet
277Kb / 21P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_15 Datasheet
859Kb / 28P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com