Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB-602AK2 Arkusz danych(PDF) 2 Page - Rohm

Numer części LB-602AK2
Szczegółowy opis  Double Digits LED Numeric Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

LB-602AK2 Arkusz danych(HTML) 2 Page - Rohm

  LB-602AK2 Datasheet HTML 1Page - Rohm LB-602AK2 Datasheet HTML 2Page - Rohm LB-602AK2 Datasheet HTML 3Page - Rohm LB-602AK2 Datasheet HTML 4Page - Rohm LB-602AK2 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LB-602 A / K2 Series
LED displays
Rev.B
2/4
Absolute maximum ratings (Ta=25
°C)
Parameter
Unit
mW
mW
mA
mA
V
˚C
˚C
Red
LB-602VA2 / VK2
960
60
20
60
5
Green
LB-602MA2 / MK2
960
65
20
60
5
Blue
LB-602BA2 / BK2
960
42
10
50
5
PD
PD / seg
IF
IFP
VR
Topr
Tstg
−25 to +75
−30 to +85
Power dissipation
Power dissipation
Forward current
Peak forward current
Reverse voltage
Operating temperature
Storage temperature
Symbol
∗1 Pulse width 1ms Duty 1 / 5
∗2 Pulse width 0.1ms Duty 1 / 10
∗1
∗2
∗2
∗2
∗1
∗2
LB-602AA2 / AK2
1040
65
25
50
5
Red
(High brightness)
LB-602EA2 /EK2
1040
65
25
50
5
Orange
(High brightness)
LB-602XA2 / XK2
1040
65
25
50
5
Yellow
(High brightness)
Electrical characteristics (Ta=25
°C)
Parameter
Red
Typ.
Unit
V
µA
nm
nm
2.0
650
40
Max.
2.8
100
VF
IR
λP
∆λ
Forward voltage
Reverse current
Peak wavelength
Spectral line half width
Symbol
IF
=10mA
VR
=3V
IF
=10mA
IF
=10mA
Conditions
The products are not radiations resistant.
Typ.
2.05
626
18
Max.
2.6
100
Typ.
2.05
610
17
Max.
2.6
100
Typ.
2.05
589
15
Max.
2.6
100
Typ.
2.1
563
40
Max.
2.8
100
Typ.
3.6
470
26
Max.
4.2
100
∗∗
∗∗
∗∗
Green
Blue
Shows the number on the condition of IF=20mA.
Yellow
(High brightness)
Red
(High brightness)
Orange
(High brightness)
Luminous intensity
λP (nm)
Unit
Color
650
Type
LB-602VA2
Min.
5.6
Typ.
16
mcd
626
LB-602AA2
36
90
mcd
610
LB-602EA2
36
90
mcd
589
LB-602XA2
36
90
mcd
563
LB-602MA2
9
25
mcd
470
LB-602BA2
LB-602VK2
LB-602AK2
LB-602EK2
LB-602XK2
LB-602MK2
LB-602BK2
14
56
mcd
A condition of measurement is IF
=10mA.
Red
Red (High brightness)
Orange (High brightness)
Yellow (High brightness)
Green
Blue


Podobny numer części - LB-602AK2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
LB-602AK2 ROHM-LB-602AK2 Datasheet
60Kb / 2P
   High efficiency, two-digit numeric displays
LB-602AK2 ROHM-LB-602AK2 Datasheet
78Kb / 3P
   Double Digits LED Numeric Display
LB-602AK2 ROHM-LB-602AK2 Datasheet
97Kb / 5P
   Double Digits LED Numeric Display
More results

Podobny opis - LB-602AK2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
LBP-602AK2 ROHM-LBP-602AK2_10 Datasheet
180Kb / 4P
   Double Digits LED Numeric Display
LB-602 ROHM-LB-602_1 Datasheet
78Kb / 3P
   Double Digits LED Numeric Display
LBP-602AK2 ROHM-LBP-602AK2 Datasheet
82Kb / 3P
   Double Digits LED Numeric Display
LB-602A ROHM-LB-602A_08 Datasheet
97Kb / 5P
   Double Digits LED Numeric Display
LBP-602AK2 ROHM-LBP-602AK2_17 Datasheet
396Kb / 5P
   Double Digits High Brightness, LED Numeric Display
logo
Ningbo Foryard Optoelec...
FYD-5021MX-00 FORYARD-FYD-5021MX-00 Datasheet
343Kb / 5P
   0.50Inch (12.70mm) digit height Double Digits Display
FYD-5421AX-00 FORYARD-FYD-5421AX-00 Datasheet
405Kb / 5P
   0.54Inch (13.60mm) digit height Double Digits Display
FYD-5621CX-00 FORYARD-FYD-5621CX-00 Datasheet
361Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5621EX-00 FORYARD-FYD-5621EX-00 Datasheet
357Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5621IX-00 FORYARD-FYD-5621IX-00 Datasheet
363Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com