Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS68020DESC03XA Arkusz danych(PDF) 1 Page - ATMEL Corporation

Numer części TS68020DESC03XA
Szczegółowy opis  HCMOS 32-bit Virtual Memory Microprocessor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68020DESC03XA Arkusz danych(HTML) 1 Page - ATMEL Corporation

  TS68020DESC03XA Datasheet HTML 1Page - ATMEL Corporation TS68020DESC03XA Datasheet HTML 2Page - ATMEL Corporation TS68020DESC03XA Datasheet HTML 3Page - ATMEL Corporation TS68020DESC03XA Datasheet HTML 4Page - ATMEL Corporation TS68020DESC03XA Datasheet HTML 5Page - ATMEL Corporation TS68020DESC03XA Datasheet HTML 6Page - ATMEL Corporation TS68020DESC03XA Datasheet HTML 7Page - ATMEL Corporation TS68020DESC03XA Datasheet HTML 8Page - ATMEL Corporation TS68020DESC03XA Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
1
Features
Object Code Compatible with Earlier TS68000 Microprocessors
Addressing Mode Extensions for Enhanced Support of High Level Languages
New Bit Field Data Type Accelerates Bit-oriented Application, i.e. Video Graphics
Fast on-chip Instruction Cache Speed Instructions and Improves Bus Bandwidth
Co-processor Interface to Companion 32-bit Peripherals: TS68881 and TS68882
Floating Point Co-processors
Pipelined Architecture with High Degree of Internal Parallelism Allowing Multiple
Instructions to be Executed Concurrently
High Performance Asynchronous Bus in Non-multiplexed and Full 32 Bits
Dynamic Bus Sizing Efficiently Supports 8-, 16-, 32-bit Memories and Peripherals
Full Support of Virtual Memory and Virtual Machine
Sixteen 32-bit General-purpose Data and Address Registers
Two 32-bit Supervisor Stack Pointers and 5 Special Purpose Control Registers
18 Addressing Modes and 7 Data Types
4-Gbyte Direct Addressing Range
Processor Speed: 16.67 MHz - 20 MHz - 25 MHz
Power Supply: 5.0 V
DC ± 10%
Description
The TS68020 is the first full 32-bit implementation of the TS68000 family of micropro-
cessors. Using HCMOS technology, the TS68020 is implemented with 32-bit registers
and data paths, 32-bit addresses, a rich instruction set, and versatile addressing
modes.
Screening/Quality
This product is manufactured in full compliance with either:
MIL-STD-883 (class B)
DESC 5962 - 860320
or according to Atmel standards
See “Ordering Information” on page 43.
Pin connection: see page 3.
Rsuffix
PGA 114
Ceramic Pin Grid Array
Fsuffix
CQFP 132
Ceramic Quad Flat Pack
HCMOS 32-bit
Virtual Memory
Microprocessor
TS68020
Rev. 2115A–HIREL–07/02


Podobny numer części - TS68020DESC03XA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results

Podobny opis - TS68020DESC03XA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC68010 MOTOROLA-MC68010 Datasheet
956Kb / 37P
   16-/32-Bit Virtual Memory Microprocessor
logo
List of Unclassifed Man...
TS68C000 ETC-TS68C000 Datasheet
2Mb / 38P
   LOW POWER HCMOS 16/32 BIT MICROPROCESSOR
logo
Motorola, Inc
MC68HC000 MOTOROLA-MC68HC000 Datasheet
823Kb / 33P
   Low Power HCMOS 16-/32-Bit Microprocessor
MC68HC001 MOTOROLA-MC68HC001 Datasheet
841Kb / 33P
   Low Power HCMOS 8-/16-/32-Bit Microprocessor
logo
Intel Corporation
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
   32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
   32-BIT MICROPROCESSOR
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
   32-bit Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
   32-bit Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com