Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-263 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części Z-263
Szczegółowy opis  Rubber Blower with Compressor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

Z-263 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  Z-263 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
- The new compression valve design delivers 30 kPa (max.) of compressed air (2 to 3 times the blower) for quick dust cleaning.
- The compressor / blower can be selected.
- Features an air inlet valve that prevents blowback from the inlet.
- An accessory extension nozzle permits access to hard-to-reach places.
Pump capacity
80 mL
Max. compression pressure
30 kPa
Overall length
180 mm
(280 mm: with extension nozzle attached)
Weight
45 g
Extension nozzle included
* ( ) value applies when blower is selected
Art. No.
Description
Z-263
Rubber Blower with compressor
Rubber Blower with Compressor


Podobny numer części - Z-263

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
Z-200SM PULSE-Z-200SM Datasheet
322Kb / 2P
   In-Line Filter
logo
List of Unclassifed Man...
Z-230PJ ETC2-Z-230PJ Datasheet
383Kb / 2P
   xDSL over POTS In-Line Filter
logo
Pulse A Technitrol Comp...
Z-230PJ PULSE-Z-230PJ Datasheet
532Kb / 2P
   Z-BLOCKER Z-230PJxDSL over POTS In-Line Filter
logo
Ohmite Mfg. Co.
Z-235 OHMITE-Z-235 Datasheet
138Kb / 1P
   R. F. Plate Chokes
Z-28 OHMITE-Z-28 Datasheet
138Kb / 1P
   R. F. Plate Chokes
More results

Podobny opis - Z-263

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Battery Group
QA125K29GAU PANASONICBATTERY-QA125K29GAU Datasheet
68Kb / 2P
   MATSUSHITA Compressor
QA91K22GAU PANASONICBATTERY-QA91K22GAU Datasheet
68Kb / 2P
   MATSUSHITA Compressor
QA110K27GAU PANASONICBATTERY-QA110K27GAU Datasheet
66Kb / 2P
   MATSUSHITA Compressor
QA66K16GAU PANASONICBATTERY-QA66K16GAU Datasheet
65Kb / 2P
   MATSUSHITA Compressor
QA125K29CAU PANASONICBATTERY-QA125K29CAU Datasheet
67Kb / 2P
   MATSUSHITA Compressor
logo
Bud Industries, Inc.
B-23-A BUD-B-23-A Datasheet
99Kb / 1P
   BLOWER
B-52 BUD-B-52 Datasheet
78Kb / 1P
   BLOWER
B-60 BUD-B-60 Datasheet
153Kb / 1P
   BLOWER
logo
Panasonic Battery Group
QA77K19GAU PANASONICBATTERY-QA77K19GAU Datasheet
66Kb / 2P
   MATSUSHITA Compressor
QA110K27CAU PANASONICBATTERY-QA110K27CAU Datasheet
68Kb / 2P
   MATSUSHITA Compressor
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com