Zakładka z wyszukiwarką danych komponentów |
|
TA203 Arkusz danych(PDF) 2 Page - Ohmite Mfg. Co. |
|
TA203 Arkusz danych(HTML) 2 Page - Ohmite Mfg. Co. |
2 / 2 page 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com THick Film AluminA Series Wattage P Length L Height H TA203 3.0 0.200 / 5.08 0.50 / 12.70 0.60 / 15.24 TA303 3.0 0.300 / 7.62 0.50 / 12.70 0.60 / 15.24 TA205 5.0 0.200 / 5.08 0.50 / 12.70 1.00 / 25.40 TA305 5.0 0.300 / 7.62 0.50 / 12.70 1.00 / 25.40 TA605 5.0 0.600 / 15.24 1.00 / 25.40 0.50 / 12.70 TA805 5.0 0.800 / 20.32 1.00 / 25.40 0.50 / 12.70 TA207 7.5 0.200 / 5.08 0.75 / 19.05 1.00 / 25.40 TA307 7.5 0.300 / 7.62 0.75 / 19.05 1.00 / 25.40 TA310* 10.0 0.300 / 7.62 1.00 / 25.40 1.00 / 25.40 TA810* 10.0 0.800 / 20.32 1.00 / 25.40 1.00 / 25.40 TA025 25.0 1.90 / 48.3 2.220 / 56.39 1.170 / 29.70 TA050 50.0 1.90 / 48.3 2.220 / 56.39 2.270 / 57.60 TA100 100.0 4.10 / 104.1 4.420 / 112.27 2.270 / 57.60 *PW version of 310 and 810 are L=1.085"/27.56mm Power Rating: 03 = 3 W 05 = 5 07 = 7.5 10 = 10 025 = 25 050 = 50 100 = 100 TA 3 05P A4K50J E Series Tolerance K = 10% J = 5% F = 1% Package: PA = pin terminals, std. for 3-10 W PW = wraparound, std. for 10-100 W PY = high-stability wraparound Resistance Value ( Ω) R250 = 0.25 10R0 = 10.0 2K00 = 2,000 45K0 = 45,000 Pin spacing (on 3-10W models only) 2 = .2" 3 = .3" 8 = .8" RoHS compliant H 0.020" / 0.51 mm typ. P L 0.150" / 3.8 mm ref. 0.200" / 5.08 mm 0.050" / 1.27 mm dia. finished pins 0.070" / 1.78 mm 0.040" / 1.02 mm 0.240" / 6.10 mm 0.300" / 7.62 mm 0.195" / 4.95 mm 0.855" / 21.72 mm 0.200" / 5.08 mm 0.040" / 1.02 mm typ. 3, 5, 7.5 & 10 watt 10, 25, 50 & 100 watt PW mount PY mount P L 0.07"/1.78mm H 0.17"/4.32mm 0.10"/2.54mm 0.02" x 0.015" Pins typical PC board Standard part numbers for ta series = Most popular standard values, = Stock values D i M e NS i ONS (±.020 in. / ±.508mm) TA Series Power Chip® Thick Film on Alumina Substrate O r D eri NG i NFO r MAT i ON Part Number Part No. Prefix Suffix Part Number Part No. Prefix Suffix Part Number Part No. Prefix Suffix 0.25 –––R250J 1.00 –––1R00J 1.50 –––1R50J 2.00 –––2R00J 4.70 –––4R70J 5.00 –––5R00J 5.10 –––5R10J 7.50 –––7R50J 8.20 –––8R20J 10.00 –––10ROJ 11.00 –––11R0J 12.00 –––12R0J 15.00 –––15R0J 20.00 –––20R0J 24.00 –––24R0J 27.00 –––27R0J 33.00 –––33R0J 47.00 –––47R0J 50.00 –––50R0J 62.00 –––62R0J 68.00 –––68R0J 75.00 –––75R0J 100.00 –––100RJ 150.00 –––150RJ 200.00 –––200RJ 250.00 –––250RJ 270.00 –––270RJ 300.00 –––300RJ 470.00 –––470RJ 500.00 –––560 620.00 –––620RJ 680.00 –––680RJ 1,000.00 –––1K00J 1,500.00 –––1K50J 1,800.00 –––1K80J 2,000.00 –––2K00J 2,500.00 –––2K50J 3,000.00 –––3K00J 4,000.00 –––4K00J 4,700.00 –––4K70J 5,000.00 –––5K00J 5,100.00 –––5K10J 7,500.00 –––7K50J 10,000.00 –––10K0J 15,000.00 –––15K0J 18,000.00 –––18K0J 20,000.00 –––20K0J 30,000.00 –––30K0J 39,000.00 –––39K0J 50,000.00 –––50K0J 75,000.00 –––75K0J 100,000 –––100KJ 150,000 –––150KJ 200,000 –––200KJ |
Podobny numer części - TA203 |
|
Podobny opis - TA203 |