Zakładka z wyszukiwarką danych komponentów |
|
OP11EPZ Arkusz danych(PDF) 4 Page - Analog Devices |
|
OP11EPZ Arkusz danych(HTML) 4 Page - Analog Devices |
4 / 12 page OP11 Rev. B | Page 4 of 12 VS = ±15 V, 0°C ≤ TA ≤ 70°C, unless otherwise noted. Table 2. Parameter Symbol Conditions Min Typ Max Unit Input Offset Voltage VOS RS ≤ 10 kΩ 0.4 0.8 mV Average Input Offset Voltage Drift1 TCVOS RS ≤ 10 kΩ 2.0 10 μV/°C Input Offset Current IOS 14 30 nA Average Input Offset Current Drift1 TCIOS 0.1 0.3 nA/°C Input Bias Current IB 200 350 nA Input Voltage Range IVR ±12 ±13 V Common-Mode Rejection Ratio CMRR VCM = ±12 V, RS ≤ 10 kΩ 100 120 dB Power Supply Rejection Ratio PSRR VS = ±5 V to ±15 V, RS ≤ 10 kΩ 4 32 μV/V Large Signal Voltage Gain AVO RL ≥ 2 kΩ, VO = ±10 V 50 250 V/mV Output Voltage Swing VO RL ≥ 2 kΩ ±11 ±13 V Power Consumption2 Pd VO = 0 V 115 200 mW 1 Guaranteed but not tested. 2 Total dissipation for all four amplifiers in package. MATCHING CHARACTERISTICS VS = ±15 V, TA = 25°C, RS ≤ 100 Ω, unless otherwise noted. Table 3. Parameter Symbol Conditions Min Typ Max Unit Input Offset Voltage Match ΔVOS 0.5 0.75 mV Common-Mode Rejection ΔCMRR VCM = ±12 V 1 20 μV/V Ratio Match VCM = ±12 V 94 120 dB VS = ±15 V, 0°C ≤ TA ≤ 70°C, RS ≤ 100 Ω, unless otherwise noted. Table 4. Parameter Symbol Conditions Min Typ Max Unit Input Offset Voltage Match ΔVOS 0.6 1.0 mV Common-Mode Rejection ΔCMRR VCM = ±12 V 3.2 20 μV/V Ratio Match VCM = ±12 V 94 110 dB |
Podobny numer części - OP11EPZ |
|
Podobny opis - OP11EPZ |