Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK-070R Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części STK-070R
Szczegółowy opis  STK-070R Rev A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

STK-070R Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  STK-070R Datasheet HTML 1Page - List of Unclassifed Manufacturers STK-070R Datasheet HTML 2Page - List of Unclassifed Manufacturers STK-070R Datasheet HTML 3Page - List of Unclassifed Manufacturers STK-070R Datasheet HTML 4Page - List of Unclassifed Manufacturers STK-070R Datasheet HTML 5Page - List of Unclassifed Manufacturers STK-070R Datasheet HTML 6Page - List of Unclassifed Manufacturers STK-070R Datasheet HTML 7Page - List of Unclassifed Manufacturers STK-070R Datasheet HTML 8Page - List of Unclassifed Manufacturers STK-070R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
STK-070R Rev A
Datasheet 1.1 - 0612
J3 Wiring
Connecting Project via UART
Pin 1 5V
Pin 2 5V
Pin 3 GND
Pin 4 GND
Pin 7 COMMU RXD
Projects UART
Pin 8 COMMU TXD
3.3V Levels
J3
Note: Cut Trace across SD and Jumper “D” side to C38 “8” side GND to take the
RS232 Tranceiver out of circuit.
Connecting Project via RS232
Pin 1 5V
Pin 2 5V
Pin 3 GND
Pin 4 GND
Pin 13 RS232 TXD
Projects RS232 to
PIN 18 RS232 RXD
COMMU RS232
J3


Podobny numer części - STK-070R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STK-075 ETC-STK-075 Datasheet
145Kb / 1P
   THICK FILM HYBRID IC
STK-075G ETC-STK-075G Datasheet
131Kb / 1P
   THICK FILM HYBRID IC
STK-077 ETC-STK-077 Datasheet
145Kb / 1P
   THICK FILM HYBRID IC
STK-077G ETC-STK-077G Datasheet
131Kb / 1P
   THICK FILM HYBRID IC
STK-078 ETC-STK-078 Datasheet
145Kb / 1P
   THICK FILM HYBRID IC
More results

Podobny opis - STK-070R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STK405-000A ETC-STK405-000A Datasheet
82Kb / 3P
   STK Audio Power Amplifier
STK4145MK2 ETC-STK4145MK2 Datasheet
127Kb / 4P
   STK Audio Power Amplifier
logo
Microchip Technology
PIC16C74A-JW MICROCHIP-PIC16C74A-JW Datasheet
94Kb / 8P
   PIC16C74A Rev. A Silicon Errata Sheet
01/30/01
PIC16CR83 MICROCHIP-PIC16CR83 Datasheet
64Kb / 4P
   PIC16CR83 Rev. A Silicon Errata Sheet
11/15/99
PIC16C662 MICROCHIP-PIC16C662 Datasheet
65Kb / 4P
   PIC16C662 Rev. A Silicon Errata Sheet
1998 - 1999
PIC16C642 MICROCHIP-PIC16C642 Datasheet
63Kb / 5P
   PIC16C642 Rev. A Silicon Errata Sheet
1998 - 2002
logo
List of Unclassifed Man...
LPC4088 ETC2-LPC4088 Datasheet
352Kb / 6P
   OEM Board DS rev A DS
logo
Microchip Technology
PIC10F222-IP MICROCHIP-PIC10F222-IP Datasheet
179Kb / 6P
   PIC10F220/222 Rev. A Silicon Errata
02/16/06
logo
List of Unclassifed Man...
LPC1788 ETC2-LPC1788 Datasheet
349Kb / 6P
   OEM Board DS rev A DS
logo
Asahi Kasei Microsystem...
AKD4128A-A AKM-AKD4128A-A Datasheet
2Mb / 52P
   AK4128A-A Evaluation Board Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com