Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1706L Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części UC1706L
Szczegółowy opis  Dual Output Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UC1706L Arkusz danych(HTML) 4 Page - Texas Instruments

  UC1706L Datasheet HTML 1Page - Texas Instruments UC1706L Datasheet HTML 2Page - Texas Instruments UC1706L Datasheet HTML 3Page - Texas Instruments UC1706L Datasheet HTML 4Page - Texas Instruments UC1706L Datasheet HTML 5Page - Texas Instruments UC1706L Datasheet HTML 6Page - Texas Instruments UC1706L Datasheet HTML 7Page - Texas Instruments UC1706L Datasheet HTML 8Page - Texas Instruments UC1706L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
UC1706
UC2706
UC3706
D1, D2: UC3611 Schottky Diodes
Transformer Coupled MOSFET Drive Circuit
CIRCUIT DESCRIPTION (cont.)
Charge Pump Circuits
D1, D2; UC3611 Schottky Diodes
APPLICATIONS
Power MOSFET Drive Circuit
D1, D2; UC3611 Schottky Diodes
Power MOSFET Drive Circuit Using Negative Bias Voltage and
Level Shifting to Ground Referenced PWMs
Analog Shutdown
This circuit is included to get a latched shutdown as close
to the outputs as possible, from a time standpoint. With
an internal 130mV threshold, this comparator has a
common-mode range from ground to (VIN – 3V). When
not used, both inputs should be grounded. The time re-
quired for this circuit to latch is inversely proportional to
the amount of overdrive but reaches a minimum of
180nsec. As with the flip-flop, an input off-time of at least
200nsec is required to reset the latch between pulses.
Supply Voltage
With an internal 5V regulator, this circuit is optimized for
use with a 7 to 40V supply; however, with some slight re-
sponse time degradation, it can also be driven from 5V.
When VIN is low, the entire circuit is disabled and no cur-
rent is drawn from VC. When combined with a UC1840
PWM, the Driver Bias switch can be used to supply VIN to
the UC1706.
VIN switching should be fast as if VC is
high, undefined operation of the outputs may occur with
VIN less than 5V.
Thermal Considerations
Should the chip temperature reach approximately 155°C,
a parallel, non--inverting input is activated driving both
outputs to the low state.


Podobny numer części - UC1706L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1706L TI1-UC1706L Datasheet
212Kb / 8P
[Old version datasheet]   Dual Output Driver
UC1706L TI1-UC1706L Datasheet
756Kb / 11P
[Old version datasheet]   Dual Output Driver
More results

Podobny opis - UC1706L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cherry Semiconductor Co...
CS3706 CHERRY-CS3706 Datasheet
151Kb / 6P
   Dual Output Driver
logo
Texas Instruments
UC1706 TI-UC1706 Datasheet
277Kb / 6P
[Old version datasheet]   Dual Output Driver
logo
ON Semiconductor
CS3706 ONSEMI-CS3706 Datasheet
58Kb / 8P
   Dual Output Driver
December, 2001 - Rev. 2
logo
Texas Instruments
UC3706N TI1-UC3706N Datasheet
212Kb / 8P
[Old version datasheet]   Dual Output Driver
UC1706 TI1-UC1706_15 Datasheet
756Kb / 11P
[Old version datasheet]   Dual Output Driver
logo
Analog Devices
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
   Dual Bootstrapped MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
   Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
logo
IXYS Corporation
LDS8160 IXYS-LDS8160 Datasheet
656Kb / 39P
   Dual-Output RGB / 6-Channel WLED Driver
logo
Microsemi Corporation
LX1744 MICROSEMI-LX1744 Datasheet
571Kb / 16P
   Dual Output Boost - LED Driver / LCD Bias
logo
ON Semiconductor
NCP5810D ONSEMI-NCP5810D Datasheet
361Kb / 14P
   Dual 1 W Output AMOLED Driver Supply
March, 2008 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com