Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCRR50104X7RK0050 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części MCRR50104X7RK0050
Szczegółowy opis  Multilayer Ceramic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

MCRR50104X7RK0050 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  MCRR50104X7RK0050 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCRR50104X7RK0050 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCRR50104X7RK0050 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MCRR Series
Multilayer Ceramic Capacitors
Page <3>
05/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Z5U Dielectric
Size and Capacitance Specifications
EIA Characteristic
Height (H)
5.08
7.62
7.62
Width (W)
5.08
5.08
7.62
Depth (D)
3.18
3.18
3.81
Lead Spacing (L.S.)
2.54
5.08
5.08
Lead Diameter (L.D.)
0.508
0.508
0.508
Capacitance in pF
Voltage WVDC
WVDC
63 / 50
WVDC
63 / 50
WVDC
63 / 50
Part Number
100,000
MCRR25104Z5UM0050
100,000
MCRR50104Z5UM0050
470,000
MCRR50474Z5UM0050
1,000,000
MCRR50105Z5UM0050
= Industry preferred values
Dimensions : Millimetres
Part Number Explanation:
MCRR
Lead Pitch
25
Lead Pitch
: 25 = 2.54, 50 = 5.08
Significant Figures of
Capacitance and Multiplier
: First two digits are the significant figures of capacitance. Third digit
indicates the additional number of zeros. For example, order 100,000 pF as 104
Temperature Coefficient
: C0G (NP0), X7R, Z5U
Capacitance Tolerances
: C0G (NP0) : J = ±5%, X7R : K = ±10%, Z5U : M = ±20%
Voltages
: 50 = 63 / 50, 100 = 100, 200 = 200 V dc
Significant figure
for Capacitance
and Multiplier
100
Temperature
Coefficient
X7R
Tolerance
J
Voltage
0200


Podobny numer części - MCRR50104X7RK0050

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
MCR ROHM-MCR Datasheet
226Kb / 12P
   Thick Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
MCR MERITEK-MCR Datasheet
562Kb / 1P
   RC Network (Snubber Capacitor)
logo
Rohm
MCR ROHM-MCR Datasheet
1Mb / 10P
   Thick film chip resistors
logo
Vishay Siliconix
MCR VISHAY-MCR Datasheet
167Kb / 4P
   Wirewound Resistors, Industrial Power, Tubular, Metal Case, MCRL
logo
Cooper Bussmann, Inc.
MCR-1-16 COOPER-MCR-1-16 Datasheet
82Kb / 2P
   Subminiature Through Hole
More results

Podobny opis - MCRR50104X7RK0050

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com