Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TAZH107004C Arkusz danych(PDF) 10 Page - AVX Corporation

Numer części TAZH107004C
Szczegółowy opis  Introduction AVX Tantalum
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVX [AVX Corporation]
Strona internetowa  http://www.avx.com
Logo AVX - AVX Corporation

TAZH107004C Arkusz danych(HTML) 10 Page - AVX Corporation

Back Button TAZH107004C Datasheet HTML 6Page - AVX Corporation TAZH107004C Datasheet HTML 7Page - AVX Corporation TAZH107004C Datasheet HTML 8Page - AVX Corporation TAZH107004C Datasheet HTML 9Page - AVX Corporation TAZH107004C Datasheet HTML 10Page - AVX Corporation TAZH107004C Datasheet HTML 11Page - AVX Corporation TAZH107004C Datasheet HTML 12Page - AVX Corporation TAZH107004C Datasheet HTML 13Page - AVX Corporation TAZH107004C Datasheet HTML 14Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
9
TAJ Series
Low Profile
RATINGS & PART NUMBER REFERENCE
All technical data relates to an ambient temperature of +25°C measured at
120 Hz, 0.5V RMS unless otherwise stated.
*Insert K for ±10% and M for ±20%.
NOTE: We reserve the right to supply higher specification parts in the
same case size, to the same reliability standards.
AVX
Case
Capacitance
DCL
DF
ESR
Part No.
Size
µF
(µA)
%
max. (
Ω)
Max.
Max.
@ 100 kHz
2 volt
TAJR475*002
R
4.7
0.5
6
20.0
TAJR685*002
R
6.8
0.5
6
20.0
TAJS106*002
S
10.0
0.5
6
20.0
4 volt
TAJR225*004
R
2.2
0.5
6
25.0
TAJS225*004
S
2.2
0.5
6
25.0
TAJR335*004
R
3.3
0.5
6
20.0
TAJS335*004
S
3.3
0.5
6
18.0
TAJR475*004
R
4.7
0.5
6
12.0
TAJS475*004
S
4.7
0.5
6
10.0
TAJS685*004
S
6.8
0.5
6
8.0
TAJT685*004
T
6.8
0.5
6
6.0
TAJR106*004
R
10.0
0.5
6
10.0
TAJT106*004
T
10.0
0.5
6
5.0
6.3 volt
TAJR155*006
R
1.5
0.5
6
25.0
TAJS155*006
S
1.5
0.5
6
25.0
TAJR225*006
R
2.2
0.5
6
20.0
TAJS225*006
S
2.2
0.5
6
18.0
TAJR335*006
R
3.3
0.5
6
12.0
TAJS335*006
S
3.3
0.5
6
9.0
TAJS475*006
S
4.7
0.5
6
7.5
TAJT475*006
T
4.7
0.5
6
6.0
TAJT685*006
T
6.8
0.5
6
5.0
TAJT156*006
T
15.0
1.0
6
4.5
TAJW336*006
W
33.0
2.1
6
2.0
10 volt
TAJR105*010
R
1.0
0.5
4
25.0
TAJS105*010
S
1.0
0.5
4
25.0
TAJR155*010
R
1.5
0.5
6
20.0
TAJS155*010
S
1.5
0.5
6
20.0
TAJR225*010
R
2.2
0.5
6
15.0
TAJS225*010
S
2.2
0.5
6
12.0
TAJS335*010
S
3.3
0.5
6
8.0
TAJT335*010
T
3.3
0.5
6
6.0
TAJT475*010
T
4.7
0.5
6
5.0
TAJT685*010
T
6.8
1.0
6
4.0
TAJT106*010
T
10.0
1.0
6
3.0
TAJY686*010
Y
68
6.8
6
0.9
TAJY107*010
Y
100
10
6
0.9
AVX
Case
Capacitance
DCL
DF
ESR
Part No.
Size
µF
(µA)
%
max. (
Ω)
Max.
Max.
@ 100 kHz
16 volt
TAJR684*016
R
0.68
0.5
4
25.0
TAJS684*016
S
0.68
0.5
4
25.0
TAJR105*016
R
1.0
0.5
4
20.0
TAJS105*016
S
1.0
0.5
4
15.0
TAJT105*016
T
1.0
0.5
4
15.0
TAJS155*016
S
1.5
0.5
6
12.0
TAJT225*016
T
2.2
0.5
6
6.5
TAJT335*016
T
3.3
0.5
6
5.0
TAJW106*016
W
10.0
1.6
6
2.0
20 volt
TAJR104*020
R
0.1
0.5
4
25.0
TAJS104*020
S
0.1
0.5
4
25.0
TAJR154*020
R
0.15
0.5
4
25.0
TAJS154*020
S
0.15
0.5
4
25.0
TAJR224*020
R
0.22
0.5
4
25.0
TAJS224*020
S
0.22
0.5
4
25.0
TAJR334*020
R
0.33
0.5
4
25.0
TAJS334*020
S
0.33
0.5
4
25.0
TAJR474*020
R
0.47
0.5
4
25.0
TAJS474*020
S
0.47
0.5
4
25.0
TAJR684*020
R
0.68
0.5
4
25.0
TAJS684*020
S
0.68
0.5
4
25.0
TAJT684*020
T
0.68
0.5
4
15.0
TAJR105*020
R
1.0
0.5
4
20.0
TAJS105*020
S
1.0
0.5
4
12.0
TAJT105*020
T
1.0
0.5
4
9.0
TAJT155*020
T
1.5
0.5
6
6.5
TAJT225*020
T
2.2
0.5
6
6.0
For parametric information on development codes, please contact your
local AVX sales office.


Podobny numer części - TAZH107004C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVX Corporation
TAZH686K004CBSB0000 AVX-TAZH686K004CBSB0000 Datasheet
351Kb / 15P
   TAZ Series
TAZH686K004CBSB0H00 AVX-TAZH686K004CBSB0H00 Datasheet
351Kb / 15P
   TAZ Series
TAZH686K004CBSBT000 AVX-TAZH686K004CBSBT000 Datasheet
351Kb / 15P
   TAZ Series
TAZH686K004CBSBTH00 AVX-TAZH686K004CBSBTH00 Datasheet
351Kb / 15P
   TAZ Series
TAZH686K004CBSC0000 AVX-TAZH686K004CBSC0000 Datasheet
351Kb / 15P
   TAZ Series
More results

Podobny opis - TAZH107004C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
R141082000 ETC2-R141082000 Datasheet
40Kb / 1P
   INTRODUCTION
logo
Samsung semiconductor
KA567 SAMSUNG-KA567 Datasheet
179Kb / 6P
   INTRODUCTION
KA8309B SAMSUNG-KA8309B Datasheet
319Kb / 15P
   INTRODUCTION
KA22261 SAMSUNG-KA22261 Datasheet
83Kb / 5P
   INTRODUCTION
logo
List of Unclassifed Man...
ECIO28 ETC2-ECIO28 Datasheet
3Mb / 9P
   Introduction
EC927 ETC2-EC927 Datasheet
3Mb / 9P
   Introduction
WD8110 ETC1-WD8110 Datasheet
14Mb / 249P
   INTRODUCTION
logo
Samsung semiconductor
KA9257 SAMSUNG-KA9257 Datasheet
82Kb / 5P
   INTRODUCTION
logo
Freescale Semiconductor...
U-MULTILINK-FX FREESCALE-U-MULTILINK-FX Datasheet
416Kb / 4P
   Introduction
logo
Nanjing Qinheng Microel...
CH5340 WCH-CH5340 Datasheet
82Kb / 2P
   Single Card IntroductIon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com