Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDCC1602N-FLYYBW-91LE Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers

Numer części FDCC1602N-FLYYBW-91LE
Szczegółowy opis  CHARACTER TYPE DOT MATRIX LCD MODULE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

FDCC1602N-FLYYBW-91LE Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FDCC1602N-FLYYBW-91LE Datasheet HTML 4Page - List of Unclassifed Manufacturers FDCC1602N-FLYYBW-91LE Datasheet HTML 5Page - List of Unclassifed Manufacturers FDCC1602N-FLYYBW-91LE Datasheet HTML 6Page - List of Unclassifed Manufacturers FDCC1602N-FLYYBW-91LE Datasheet HTML 7Page - List of Unclassifed Manufacturers FDCC1602N-FLYYBW-91LE Datasheet HTML 8Page - List of Unclassifed Manufacturers FDCC1602N-FLYYBW-91LE Datasheet HTML 9Page - List of Unclassifed Manufacturers FDCC1602N-FLYYBW-91LE Datasheet HTML 10Page - List of Unclassifed Manufacturers FDCC1602N-FLYYBW-91LE Datasheet HTML 11Page - List of Unclassifed Manufacturers FDCC1602N-FLYYBW-91LE Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
FORDATA ELECTRONIC CO.,LTD
PROFESSIONAL LCD SUPPLIER FROM CHINA
PRODUCT
SPEC.
MODE NO.
PAGE 6/20
BOOKBINDING AREA
6. ELECTRICAL SPECIFICATIONS
FDCC1602N-FLYYBW-91LE
INPUT HIGH VOLTAGE
OUTPUT HIGH
VOLTAGE ( TTL )
INPUT LOW VOLTAGE
INPUT HIGH CURRENT
INPUT LOW CURRENT
OUTPUT LOW
VOLTAGE ( TTL )
Pins ( E. RS. R/W. DB0 - DB7 )
Pins ( RS. R/W. DB0 - DB7 )
Vdd = 3.0V
I
=-0.1mA
Pins: DB0 - DB7
OH
I
= 0.1mA
Pins: DB0 - DB7
OL
Write mode
Read mode
6.1.1 DC CHARACTERISTICS ( VDD = 2.7V to 4.5V, TA = 25 C )
6.1.2 AC CHARACTERISTICS ( VDD = 2.7V to 4.5V, TA = 25 C )
VIH1
VIL1
IIH
IIL
VOH1
0.7Vdd
-0.3
-1.0
-5.0
0.75Vdd
-15
Vdd
0.55
1.0
-30
0.2Vdd
V
V
V
V
A
VOL1
A
CHARACTERISTICS
TEST CONDITION
SYMBOL
LIMIT
MIN.
TYP.
MAX.
UNIT
ENABLE CYCLE TIME
ADDRESS HOLD TIME
ENABLE PULSE WIDTH
ENABLE RISE/ FALL TIME
ADDRESS SETUP TIME
DATA SETUP TIME
DATA HOLD TIME
Pins RS, R/W, E
Pins: DB0 - DB7
tC
tPW
t, t
RF
tSP1
tHD1
1000
450
195
10
60
20
25
ns
tHD2
CHARACTERISTICS
TEST CONDITION
SYMBOL
LIMIT
MIN.
TYP.
MAX.
UNIT
tSP2
ns
ns
ns
ns
ns
ns
Pin E
Pins: DB0 - DB7
Pins RS, R/W, E
Pin E
Pin E
ENABLE CYCLE TIME
ADDRESS HOLD TIME
ENABLE PULSE WIDTH
ENABLE RISE/ FALL TIME
ADDRESS SETUP TIME
DATA OUTPUT DELAY TIME
DATA HOLD TIME
Pins RS, R/W, E
Pins: DB0 - DB7
tC
tPW
t, t
RF
tSP1
tHD1
1000
450
5
60
20
25
ns
tHD2
CHARACTERISTICS
TEST CONDITION
SYMBOL
LIMIT
MIN.
TYP.
MAX.
UNIT
tD
ns
ns
ns
ns
ns
ns
Pin E
Pins: DB0 - DB7
Pins RS, R/W, E
Pin E
Pin E
360


Podobny numer części - FDCC1602N-FLYYBW-91LE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FDCC1602B ETC-FDCC1602B Datasheet
43Kb / 1P
   LCD MODULE
FDCC1602P ETC-FDCC1602P Datasheet
45Kb / 1P
   LCD SUPPLIER FROM CHINA
More results

Podobny opis - FDCC1602N-FLYYBW-91LE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GMD1620BLY ETC1-GMD1620BLY Datasheet
1Mb / 19P
   STANLEY DOT MATRIX CHARACTER TYPE LCD MODULE
SC204A ETC2-SC204A Datasheet
1Mb / 16P
   A dot-matrix character LCD module
SC162B ETC2-SC162B Datasheet
372Kb / 16P
   A dot-matrix character LCD module
logo
LUMEX INC.
LCR-U02002DSF-H LUMEX-LCR-U02002DSF-H Datasheet
223Kb / 2P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x2 CHARACTER LCD MODULE
LCM-S04002DSF-Y1P LUMEX-LCM-S04002DSF-Y1P Datasheet
104Kb / 2P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 40x2 CHARACTER LCD MODULE
LCM-S02402DSR LUMEX-LCM-S02402DSR Datasheet
161Kb / 2P
   5.56mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 24x2 CHARACTER LCD MODULE
LCM-S04004DSF LUMEX-LCM-S04004DSF Datasheet
117Kb / 2P
   4.89mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 40x4 LCD CHARACTER MODULE
LCM-S01602DXX-B LUMEX-LCM-S01602DXX-B Datasheet
97Kb / 2P
   5.56mm CHARACTER HEIGHT , 5x8 DOT MATRIX, 16x2 LCD MODULE
LCM-S02002DSF LUMEX-LCM-S02002DSF Datasheet
169Kb / 2P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x2 LCD MODULE
LCM-X01602DXX-B LUMEX-LCM-X01602DXX-B Datasheet
97Kb / 2P
   5.56mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 16x2 LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com