Zakładka z wyszukiwarką danych komponentów |
|
CA0508KRX7R7BN473 Arkusz danych(PDF) 4 Page - YAGEO Corporation |
|
CA0508KRX7R7BN473 Arkusz danych(HTML) 4 Page - YAGEO Corporation |
4 / 17 page www.yageo.com Feb 05, 2010 V.1 Surface-Mount Ceramic Multilayer Capacitors 4 17 Product specification 4C-Array NP0/X7R/Y5V 16 V to 50 V CONSTRUCTION The capacitor consists of a rectangular block of ceramic dielectric in which a number of interleaved metal electrodes are contained. This structure gives rise to a high capacitance per unit volume. The inner electrodes are connected to the two end terminations and finally covered with a layer of plated tin (NiSn). The terminations are lead-free. An outline of the structure is shown in Fig.1. CCA833 Fig. 1 Simplified outline O OU UT TL LIIN NE ES S L P A B W T HBK092 For dimensions see Table 1 Fig. 2 Surface mounted multilayer ceramic capacitor dimension DIMENSIONS TYPE 0508 (4 X 0402) 0612 (4 X 0603) L (mm) 2.0 ±0.15 3.2 ±0.15 W (mm) 1.25 ±0.15 1.60 ±0.15 Tmin. (mm) 0.50 0.70 Tmax. (mm) 0.70 0.90 A (mm) 0.28 ±0.10 0.4 ±0.10 B (mm) 0.2 ±0.10 0.3 ±0.20 P (mm) 0.5 ±0.10 0.8 ±0.10 Table 1 |
Podobny numer części - CA0508KRX7R7BN473 |
|
Podobny opis - CA0508KRX7R7BN473 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |