Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA79L05 Arkusz danych(PDF) 10 Page - Boca Semiconductor Corporation

Numer części KA79L05
Szczegółowy opis  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOCA [Boca Semiconductor Corporation]
Strona internetowa  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

KA79L05 Arkusz danych(HTML) 10 Page - Boca Semiconductor Corporation

Back Button KA79L05 Datasheet HTML 4Page - Boca Semiconductor Corporation KA79L05 Datasheet HTML 5Page - Boca Semiconductor Corporation KA79L05 Datasheet HTML 6Page - Boca Semiconductor Corporation KA79L05 Datasheet HTML 7Page - Boca Semiconductor Corporation KA79L05 Datasheet HTML 8Page - Boca Semiconductor Corporation KA79L05 Datasheet HTML 9Page - Boca Semiconductor Corporation KA79L05 Datasheet HTML 10Page - Boca Semiconductor Corporation KA79L05 Datasheet HTML 11Page - Boca Semiconductor Corporation KA79L05 Datasheet HTML 12Page - Boca Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
KA79LXXA
10
Mechanical Dimensions(Continued)
Package
5.72
0.225
1.55
±0.20
0.061
±0.008
0.1~0.25
0.004~0.001
6.00
±0.30
0.236
±0.012
3.95
±0.20
0.156
±0.008
0.50
±0.20
0.020
±0.008
#1
#4
#5
#8
1.80
0.071
MAX
MIN
8-SOP


Podobny numer części - KA79L05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA79L05 FAIRCHILD-KA79L05 Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
KA79L05AD FAIRCHILD-KA79L05AD Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
KA79L05AD FAIRCHILD-KA79L05AD Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
KA79L05AM FAIRCHILD-KA79L05AM Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
KA79L05AM FAIRCHILD-KA79L05AM Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
More results

Podobny opis - KA79L05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_02 Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_11 Datasheet
223Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
MC79LXXA FAIRCHILD-MC79LXXA_10 Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM79LXX HTC-LM79LXX Datasheet
235Kb / 10P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_17 Datasheet
205Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com