Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

G104X1-L04 Arkusz danych(PDF) 5 Page - AZ Displays

Numer części G104X1-L04
Szczegółowy opis  10.4??TFT Liquid Crystal Display module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AZDISPLAYS [AZ Displays]
Strona internetowa  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

G104X1-L04 Arkusz danych(HTML) 5 Page - AZ Displays

  G104X1-L04 Datasheet HTML 1Page - AZ Displays G104X1-L04 Datasheet HTML 2Page - AZ Displays G104X1-L04 Datasheet HTML 3Page - AZ Displays G104X1-L04 Datasheet HTML 4Page - AZ Displays G104X1-L04 Datasheet HTML 5Page - AZ Displays G104X1-L04 Datasheet HTML 6Page - AZ Displays G104X1-L04 Datasheet HTML 7Page - AZ Displays G104X1-L04 Datasheet HTML 8Page - AZ Displays G104X1-L04 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Issued Date: Jan. 04, 2010
Model No.: G104X1-L04
Approval
5/26
Version 2.0
1.5 MECHANICAL SPECIFICATIONS
Item
Min.
Typ.
Max.
Unit
Note
Horizontal (H)
225
225.5
226
mm
Vertical (V)
175.8
176.3
176.8
mm
(1)
Module Size
Depth (D)
8.2
8.7
9.2
mm
-
Weight
380
430
480
g
-
Note (1) Please refer to the attached drawings for more information of front and back outline dimensions.
2. ABSOLUTE MAXIMUM RATINGS
2.1 ABSOLUTE RATINGS OF ENVIRONMENT
Value
Item
Symbol
Min.
Max.
Unit
Note
Operating Ambient Temperature
TOP
-30
+70
ºC
Storage Temperature
TST
-30
+80
ºC
Note (1) Temperature and relative humidity range is shown in the figure below.
(a) 90 %RH Max. (Ta ≦ 40 ºC).
(b) Wet-bulb temperature should be 39 ºC Max. (Ta > 40 ºC).
(c) No condensation
Relative Humidity (%RH)
Operating Range
Temperature (ºC)
100
80
60
-20
40
0
20
-40
90
70
40
60
20
10
Storage Range


Podobny numer części - G104X1-L04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AZ Displays
G104X1-L01 AZDISPLAYS-G104X1-L01 Datasheet
750Kb / 26P
   TFT LCD Approval Specification
G104X1-L03 AZDISPLAYS-G104X1-L03 Datasheet
725Kb / 27P
   TFT LCD Tentative Specification
More results

Podobny opis - G104X1-L04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
M150X3-T03 ETC-M150X3-T03 Datasheet
638Kb / 27P
   15.0 TFT Liquid Crystal Display module
logo
Newhaven Display Intern...
NHD-4.3RTP-SHIELD-V NEWHAVEN-NHD-4.3RTP-SHIELD-V Datasheet
1Mb / 12P
   Color TFT Liquid Crystal Display Module
logo
AZ Displays
G133IGE-L03 AZDISPLAYS-G133IGE-L03 Datasheet
661Kb / 27P
   13.3??TFT Liquid Crystal Display module
logo
List of Unclassifed Man...
M150X3-T05 ETC-M150X3-T05 Datasheet
662Kb / 26P
   15.0 TFT Liquid Crystal Display module
logo
Newhaven Display Intern...
NHD-4.3RTP-SHIELD-N NEWHAVEN-NHD-4.3RTP-SHIELD-N Datasheet
1Mb / 12P
   Color TFT Liquid Crystal Display Module
logo
Chi Mei Corporation.
N173HGE-E11 CHIMEI-N173HGE-E11 Datasheet
629Kb / 37P
   17.3??TFT Liquid Crystal Display module
logo
AZ Displays
G150XGE-L04 AZDISPLAYS-G150XGE-L04_14 Datasheet
587Kb / 28P
   15.0??TFT Liquid Crystal Display module
G141C1-L01 AZDISPLAYS-G141C1-L01 Datasheet
666Kb / 28P
   14.1??TFT Liquid Crystal Display module
logo
List of Unclassifed Man...
V390DK1-LS1 ETC2-V390DK1-LS1 Datasheet
1Mb / 50P
   TFT Liquid Crystal Display
logo
Newhaven Display Intern...
NHD-24-240320SF-CTXI NEWHAVEN-NHD-24-240320SF-CTXI Datasheet
695Kb / 9P
   TFT (Thin-Film Transistor) Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com