Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS-60300-016 Arkusz danych(PDF) 1 Page - Bel Fuse Inc.

Numer części SS-60300-016
Szczegółowy opis  CAT6a PCB Mounted Jacks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BEL [Bel Fuse Inc.]
Strona internetowa  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SS-60300-016 Arkusz danych(HTML) 1 Page - Bel Fuse Inc.

  SS-60300-016 Datasheet HTML 1Page - Bel Fuse Inc. SS-60300-016 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT6aJacks
Bel Stewart Connector GmbH
Industriestrasse 20
61381 Friedrichsdorf
Germany
Tel 49-6172-9552-0
www.belstewart.com
Bel Stewart Connector
11118 Susquehanna Trail South
Glen Rock, PA 17327
Tel 717-235-7512
Fax 717-235-4675
www.belstewart.com
©2008 Bel Stewart Connector Specifications subject to change without notice. 10.08
SS-60300 Series CAT6a PCB Mounted Jacks
Features / Benefits
• Easily compensated to CAT6a performance levels through an integrated flexible circuit board design
(patent pending)
• Flexible PCB design helps cancel Near End Cross Talk (NEXT) at the plug/jack interface
• Design utilizes unique features to meet technical requirements of CAT6a
• 45 degree, 90 degree, and 180 degree shielded and unshielded versions available
• Minimal secondary compensation required due to the jack's construction
• Selectively plated contacts with 50 micro-inches of gold
• Designed for use in 10Gigabit Ethernet applications
• UL 94-V0 plastic components
• Wave solder compatible
• RoHS complaint
Bel Stewart’s SS-60300 Series CAT6a jacks are designed for use in CAT6a patch panels and wall outlets in premise
wiring systems. Engineered to meet the 500 MHz requirements of the CAT6a specifications, the SS-60300 jacks provide
a higher level of compensation to reach defined performance levels.
Bel Stewart’s patent-pending design utilizes a flexible circuit board placed in close proximity to the modular plug/jack
interface which provides capacitive compensation. Having the compensation close to the plug/jack interface helps to
cancel the NEXT introduced to the jack from the modular plug. This makes further compensation to CAT6a on the main
PCB much easier. The Bel Stewart design incorporating the flex circuit board still enables our jacks to maintain standard
modular connector contact designs ensuring mechanical reliability.
Part Number
Orientation
Shield Type
SS-60300-014
180 Degree
Panel Grounds
SS-60300-016
180 Degree
No Panel Grounds
SS-60300-017
180 Degree
Unshielded
SS-60300-002
90 Degree
Panel Grounds
SS-60300-004
90 Degree
No Panel Grounds
SS-60300-021
90 Degree
Unshielded
SS-60300-023
45 Degree
Panel Grounds
SS-60300-024
45 Degree
No Panel Grounds


Podobny numer części - SS-60300-016

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bel Fuse Inc.
SS-60300-010 BEL-SS-60300-010 Datasheet
23Kb / 1P
   Derek Imschweiler, Product Manager
SS-60300-011 BEL-SS-60300-011 Datasheet
243Kb / 1P
   2.5G, 5G and 10G Solutions
More results

Podobny opis - SS-60300-016

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Yamaichi Electronics Co...
EDS04RJ45-2X1-8X8-T9S YAMAICHI-EDS04RJ45-2X1-8X8-T9S Datasheet
142Kb / 1P
   Modular Jacks (PCB Edge-Mounted, Shielded)
logo
Tyco Electronics
5557570-1 MACOM-5557570-1 Datasheet
86Kb / 1P
   PCB MOUNTED JACKS SINGLE PORT,MULTI PORT AND STACKED
logo
List of Unclassifed Man...
ORD9702 ETC-ORD9702 Datasheet
111Kb / 2P
   PCB MOUNTED LEDS
logo
Adam Technologies, Inc.
DJ-005-S5 ADAM-TECH-DJ-005-S5 Datasheet
102Kb / 1P
   DIN JACKS RIGHT ANGLE PCB MOUNT
logo
EHAOAN.
2424PT-6B EHAOAN-2424PT-6B Datasheet
1Mb / 7P
   PCB Mounted Infrared Sensor
logo
Bedford Opto Technology...
ORD9702XY BOT-ORD9702XY Datasheet
34Kb / 2P
   3mm PCB MOUNTED LEDS
logo
List of Unclassifed Man...
D3016 ETC2-D3016 Datasheet
156Kb / 4P
   12VA PCB MOUNTED TRANSFORMER
MS4515 ETC2-MS4515 Datasheet
250Kb / 13P
   PCB Mounted Pressure Transducers
MS4525 ETC2-MS4525 Datasheet
535Kb / 13P
   PCB Mounted Pressure Transducers
logo
TE Connectivity Ltd
MS4515 TEC-MS4515 Datasheet
414Kb / 15P
   PCB Mounted Pressure Transducers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com