Zakładka z wyszukiwarką danych komponentów |
|
74LV123D Arkusz danych(PDF) 9 Page - NXP Semiconductors |
|
74LV123D Arkusz danych(HTML) 9 Page - NXP Semiconductors |
9 / 24 page 74LV123 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 7 — 12 December 2011 9 of 24 NXP Semiconductors 74LV123 Dual retriggerable monostable multivibrator with reset [1] All typical values are measured at Tamb = 25 C. VOH HIGH-level output voltage VI = VIH or VIL lO = 100 A; VCC = 1.2 V - - - V lO = 100 A; VCC = 2.0 V 1.8 - - V lO = 100 A; VCC = 2.7 V 2.5 - - V lO = 100 A; VCC = 3.0 V 2.8 - - V lO = 100 A; VCC = 4.5 V 4.3 - - V lO = 6 mA; VCC = 3.0 V 2.2 - - V lO = 12 mA; VCC = 4.5 V 3.5 - - V VOL LOW-level output voltage VI = VIH or VIL IO = 100 A; VCC = 1.2 V - - - V IO = 100 A; VCC = 2.0 V - - 0.2 V IO = 100 A; VCC = 2.7 V - - 0.2 V IO = 100 A; VCC = 3.0 V - - 0.2 V IO = 100 A; VCC = 4.5 V - - 0.2 V IO = 6 mA; VCC = 3.0 V - - 0.5 V IO = 12 mA; VCC = 4.5 V - - 0.65 V II input leakage current VI = VCC or GND; VCC = 5.5 V - - 1.0 A ICC supply current VI = VCC or GND; IO = 0 A; VCC =5.5 V - - 160 A I CC additional supply current VI = VCC 0.6 V; VCC = 2.7 V to 3.6 V - - 850 A Table 6. Static characteristics …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ[1] Max Unit |
Podobny numer części - 74LV123D |
|
Podobny opis - 74LV123D |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |