Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV541N Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74LV541N
Szczegółowy opis  Octal buffer/line driver; 3-state Rev. 03 ??14 April 2009
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV541N Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74LV541N Datasheet HTML 1Page - NXP Semiconductors 74LV541N Datasheet HTML 2Page - NXP Semiconductors 74LV541N Datasheet HTML 3Page - NXP Semiconductors 74LV541N Datasheet HTML 4Page - NXP Semiconductors 74LV541N Datasheet HTML 5Page - NXP Semiconductors 74LV541N Datasheet HTML 6Page - NXP Semiconductors 74LV541N Datasheet HTML 7Page - NXP Semiconductors 74LV541N Datasheet HTML 8Page - NXP Semiconductors 74LV541N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
74LV541_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 14 April 2009
5 of 15
NXP Semiconductors
74LV541
Octal buffer/line driver; 3-state
[1]
Typical values are measured at Tamb = 25 °C.
10. Dynamic characteristics
ICC
supply current
VI = VCC or GND; IO = 0 A;
VCC = 3.6 V
-
-
20
-
160
µA
∆ICC
additional supply current
per input; VI = VCC − 0.6 V;
VCC = 2.7 V to 3.6 V
-
-
500
-
850
µA
CI
input capacitance
-
3.5
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 7.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
An to Yn; see Figure 5
[2]
VCC = 1.2 V
-
60
-
-
-
ns
VCC = 2.0 V
-
20
39
-
46
ns
VCC = 2.7 V
-
15
29
-
34
ns
VCC = 3.0 V to 3.6 V; CL =15pF
[3]
-10
-
-
-
ns
VCC = 3.0 V to 3.6 V
[3]
-
11
23
-
27
ns
ten
enable time
OEn to Yn; see Figure 6
[2]
VCC = 1.2 V
-
100
-
-
-
ns
VCC = 2.0 V
-
34
65
-
77
ns
VCC = 2.7 V
-
25
48
-
56
ns
VCC = 3.0 V to 3.6 V
[3]
-
19
38
-
45
ns
tdis
disable time
OEn to Yn; see Figure 6
[2]
VCC = 1.2 V
-
100
-
-
-
ns
VCC = 2.0 V
-
36
66
-
78
ns
VCC = 2.7 V
-
27
48
-
58
ns
VCC = 3.0 V to 3.6 V
[3]
-
21
39
-
47
ns


Podobny numer części - 74LV541N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV541N PHILIPS-74LV541N Datasheet
113Kb / 12P
   Octal buffer/line driver 3-State
1997 Jun 10
More results

Podobny opis - 74LV541N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC244D-652 PHILIPS-74HC244D-652 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state Rev. 4 ??24 September 2012
Rev. 4-24 September 2012
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com