Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7248AAQ Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7248AAQ
Szczegółowy opis  LC2MOS 12-Bit DACPORTs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7248AAQ Arkusz danych(HTML) 5 Page - Analog Devices

  AD7248AAQ Datasheet HTML 1Page - Analog Devices AD7248AAQ Datasheet HTML 2Page - Analog Devices AD7248AAQ Datasheet HTML 3Page - Analog Devices AD7248AAQ Datasheet HTML 4Page - Analog Devices AD7248AAQ Datasheet HTML 5Page - Analog Devices AD7248AAQ Datasheet HTML 6Page - Analog Devices AD7248AAQ Datasheet HTML 7Page - Analog Devices AD7248AAQ Datasheet HTML 8Page - Analog Devices AD7248AAQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7245A/AD7248A
REV. B
–5–
AD7245A PIN FUNCTION DESCRIPTIONS
(DIP PIN NUMBERS)
Pin
Mnemonic Description
lVSS
Negative Supply Voltage (0 V for single
supply operation).
2ROFS
Bipolar Offset Resistor. This provides
access to the on-chip application resistors
and allows different output voltage ranges.
3
REF OUT
Reference Output. The on-chip reference
is provided at this pin and is used when
configuring the part for bipolar outputs.
4
AGND
Analog Ground.
5
DB11
Data Bit 11. Most Significant Bit (MSB).
6–11
DB10–DB5 Data Bit 10 to Data Bit 5.
12
DGND
Digital Ground.
13–16 DB4–DB1
Data Bit 4 to Data Bit 1.
17
DB0
Data Bit 0. Least Significant Bit (LSB).
18
CS
Chip Select Input (Active LOW). The
device is selected when this input is active.
Pin
Mnemonic
Description
19
WR
Write Input (Active LOW). This is used in
conjunction with
CS to write data into the
input latch of the AD7245A.
20
LDAC
Load DAC Input (Active LOW). This is
an asynchronous input which when active
transfers data from the input latch to the
DAC latch.
21
CLR
Clear Input (Active LOW). When this
input is active the contents of the DAC
latch are reset to all 0s.
22
VDD
Positive Supply Voltage.
23
RFB
Feedback Resistor. This allows access to
the amplifier’s feedback loop.
24
VOUT
Output Voltage. Three different output
voltage ranges can be chosen: 0 V to 5 V,
0 V to 10 V or –5 V to +5 V.
AD7245A PIN CONFIGURATIONS
DIP and SOIC
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
AD7245A
TOP VIEW
(NOT TO SCALE)
VSS
ROFS
REF OUT
AGND
(MSB) DB11
DB10
DB9
DB8
DB7
DB6
DB5
DGND
DB4
DB3
DB2
DB1
DB0 (LSB)
CS
WR
LDAC
CLR
VDD
RFB
VOUT
LCCC
4
3
2
1 28 27 26
5
6
7
8
9
10
11
25
24
23
22
21
20
19
12 13 14 15 16 17 18
AGND
DB11
DB10
NC
DB9
DB8
DB7
CLR
LDAC
WR
NC
CS
DB0
DB1
NC = NO CONNECT
AD7245A
TOP VIEW
(NOT TO SCALE)
PLCC
1
2
3
4
5
6
7
AGND
DB11
DB10
NC
DB9
DB8
DB7
25
24
23
22
21
20
19 DB1
DB0
CS
NC
WR
LDAC
CLR
18
17
16
15
14
13
12
AD7245A
TOP VIEW
(NOT TO SCALE)
NC = NO CONNECT
8
9
10
11
26
27
28


Podobny numer części - AD7248AAQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7248AAQ AD-AD7248AAQ Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
AD7248AAQ AD-AD7248AAQ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7248AAQ AD-AD7248AAQ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
More results

Podobny opis - AD7248AAQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7245A AD-AD7245A Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
AD7245ABRZ AD-AD7245ABRZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245AARZ AD-AD7245AARZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7237A AD-AD7237A Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7245A AD-AD7245A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7248A AD-AD7248A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7247A AD-AD7247A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7237A AD-AD7237A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7245JNZ AD-AD7245JNZ Datasheet
3Mb / 16P
   LC2MOS 12-BiT DACPORT
AD7245 AD-AD7245 Datasheet
1Mb / 16P
   LC2MOS 12-Bit DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com