Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7248ATQ3 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD7248ATQ3
Szczegółowy opis  LC2MOS 12-Bit DACPORTs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7248ATQ3 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD7248ATQ3 Datasheet HTML 3Page - Analog Devices AD7248ATQ3 Datasheet HTML 4Page - Analog Devices AD7248ATQ3 Datasheet HTML 5Page - Analog Devices AD7248ATQ3 Datasheet HTML 6Page - Analog Devices AD7248ATQ3 Datasheet HTML 7Page - Analog Devices AD7248ATQ3 Datasheet HTML 8Page - Analog Devices AD7248ATQ3 Datasheet HTML 9Page - Analog Devices AD7248ATQ3 Datasheet HTML 10Page - Analog Devices AD7248ATQ3 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7245A/AD7248A
REV. B
–7–
Typical Performance Characteristics–
TEMPERATURE – C
5
4
0
–55
70
–25
0
3
85
125
6
7
VDD = +15V
IDD (VSS = –15V, VIN = V INL OR V INH)
IDD (VSS = –15V, VIN = 0V OR V DD)
IDD (VSS = 0V,V IN = 0V OR VDD)
ISS (VSS = –15V)
2
1
25
TPC 1. Power Supply Current vs. Temperature
FREQUENCY – Hz
100
50
10
50
2k
100
200
500
1k
20
20k
5k
10k
50k
200
500
VDD = 15V
VSS = 0V
TA = 25 C
OUTPUT WITH
ALL 0s ON DAC
REFERENCE (DECOUPLED*)
REFERENCE (NO DECOUPLING)
*REFERENCE DECOUPLING COMPONENTS AS PER FIGURE 8
TPC 2. Noise Spectral Density vs. Frequency
100
90
10
0%
1mV
1 s
2V
TPC 3. Positive-Going Settling Time
(VDD = +15 V, VSS = –15 V)
TEMPERATURE – C
5.005
5.010
–55
–25
0
25
70
85
125
5.000
4.995
TPC 4. Reference Voltage vs. Temperature
2k
200
10k
FREQUENCY – Hz
60
40
0
50
100
1k
20
20k
100k
80
*POWER SUPPLY DECOUPLING CAPACITORS ARE 10 F AND 0.1 F
OUTPUT WITH ALL
0s ON DAC
OUTPUT WITH ALL
1s ON DAC
VDD = 15V WITH
100mV p-p SIGNAL
DECOUPLING*
NO
DECOUPLING
DECOUPLING
NO DECOUPLING
TPC 5. Power Supply Rejection Ration vs. Frequency
100
90
10
0%
1mV
1 s
2V
TPC 6. Negative Going Settling Time
(VDD = +15 V, VSS = –15 V)


Podobny numer części - AD7248ATQ3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7248ATQ3 AD-AD7248ATQ3 Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7248ATQ3 AD-AD7248ATQ3 Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
More results

Podobny opis - AD7248ATQ3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7245A AD-AD7245A Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
AD7245ABRZ AD-AD7245ABRZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245AARZ AD-AD7245AARZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7237A AD-AD7237A Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7245A AD-AD7245A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7248A AD-AD7248A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7247A AD-AD7247A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7237A AD-AD7237A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7245JNZ AD-AD7245JNZ Datasheet
3Mb / 16P
   LC2MOS 12-BiT DACPORT
AD7245 AD-AD7245 Datasheet
1Mb / 16P
   LC2MOS 12-Bit DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com