Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7248AAP Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD7248AAP
Szczegółowy opis  LC2MOS 12-Bit DACPORTs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7248AAP Arkusz danych(HTML) 4 Page - Analog Devices

  AD7248AAP Datasheet HTML 1Page - Analog Devices AD7248AAP Datasheet HTML 2Page - Analog Devices AD7248AAP Datasheet HTML 3Page - Analog Devices AD7248AAP Datasheet HTML 4Page - Analog Devices AD7248AAP Datasheet HTML 5Page - Analog Devices AD7248AAP Datasheet HTML 6Page - Analog Devices AD7248AAP Datasheet HTML 7Page - Analog Devices AD7248AAP Datasheet HTML 8Page - Analog Devices AD7248AAP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD7245A/AD7248A
REV. B
–4–
DAC GAIN ERROR
DAC Gain Error is a measure of the output error between an
ideal DAC and the actual device output with all 1s loaded after
offset error has been allowed for. It is, therefore defined as:
Measured Value—Offset—Ideal Value
where the ideal value is calculated relative to the actual refer-
ence value.
UNIPOLAR OFFSET ERROR
Unipolar Offset Error is a combination of the offset errors of the
voltage mode DAC and the output amplifier and is measured
when the part is configured for unipolar outputs. It is present
for all codes and is measured with all 0s in the DAC register.
BIPOLAR ZERO OFFSET ERROR
Bipolar Zero Offset Error is measured when the part is config-
ured for bipolar output and is a combination of errors from the
DAC and output amplifier. It is present for all codes and is
measured with a code of 2048 (decimal) in the DAC register.
SINGLE SUPPLY LINEARITY AND GAIN ERROR
The output amplifier of the AD7245A/AD7248A can have a
true negative offset even when the part is operated from a single
positive power supply. However, because the lower supply rail
to the part is 0 V, the output voltage cannot actually go nega-
tive. Instead the output voltage sits on the lower rail and this
results in the transfer function shown. This is an offset effect
and the transfer function would have followed the dotted line if
the output voltage could have gone negative. Normally, linearity
is measured after offset and full scale have been adjusted or
allowed for. On the AD7245A/AD7248A the negative offset is
allowed for by calculating the linearity from the code which the
amplifier comes off the lower rail. This code is given by the
negative offset specification. For example, the single supply
linearity specification applies between Code 3 and Code 4095
for the 25
°C specification and between Code 5 and Code 4095
over the TMIN to TMAX temperature range. Since gain error is
also measured after offset has been allowed for, it is calculated
between the same codes as the linearity error. Bipolar linearity and
gain error are measured between Code 0 and Code 4095.
0V
NEGATIVE
OFFSET
DAC CODE
OUTPUT
VOLTAGE
TERMINOLOGY
RELATIVE ACCURACY
Relative Accuracy, or endpoint nonlinearity, is a measure of the
actual deviation from a straight line passing through the endpoints
of the DAC transfer function. It is measured after allowing for
zero and full scale and is normally expressed in LSBs or as a
percentage of full-scale reading.
DIFFERENTIAL NONLINEARITY
Differential Nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of
±1 LSB max over
the operating temperature range ensures monotonicity.
DIGITAL FEEDTHROUGH
Digital Feedthrough is the glitch impulse injected from the digital
inputs to the analog output when the inputs change state. It is
measured with
LDAC high and is specified in nV-s.
AD7245A ORDERING GUIDE
Temperature
Relative
Package
Model
1
Range
Accuracy
Option
2
AD7245AAN
–40
°C to +85°C
±3/4 LSB
N-24
AD7245ABN
–40
°C to +85°C
±1/2 LSB
N-24
AD7245AAQ
–40
°C to +85°C
±3/4 LSB
Q-24
AD7245ATQ
3
–55
°C to +125°C
±3/4 LSB
Q-24
AD7245AAP
–40
°C to +85°C
±3/4 LSB
P-28A
AD7245AAR
–40
°C to +85°C
±3/4 LSB
R-24
AD7245ABR
–40
°C to +85°C
±1/2 LSB
R-24
AD7245ATE
3
–55
°C to +125°C
±3/4 LSB
E-28A
NOTES
1To order MIL-STD-883, Class B processed parts, add /883B to part number.
Contact our local sales office for military data sheet and availability.
2E = Leadless Ceramic Chip Carrier; N = Plastic DIP; P = Plastic Leaded Chip
Carrier; Q = Cerdip; R = SOIC.
3This grade will be available to /883B processing only.
AD7248A ORDERING GUIDE
Temperature
Relative
Package
Model
1
Range
Accuracy
Option
2
AD7248AAN
–40
°C to +85°C
±3/4 LSB
N-20
AD7248ABN
–40
°C to +85°C
±1/2 LSB
N-20
AD7248AAQ
–40
°C to +85°C
±3/4 LSB
Q-20
AD7248ATQ
3
–55
°C to +125°C
±3/4 LSB
Q-20
AD7248AAP
–40
°C to +85°C
±3/4 LSB
P-20A
AD7248AAR
–40
°C to +85°C
±3/4 LSB
R-20
AD7248ABR
–40
°C to +85°C
±1/2 LSB
R-20
NOTES
1To order MIL-STD-883, Class B processed parts, add /883B to part number.
Contact our local sales office for military data sheet and availability.
2N = Plastic DIP; P = Plastic Leaded Chip Carrier; Q = Cerdip; R = SOIC.
3This grade will be available to /883B processing only.


Podobny numer części - AD7248AAP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7248AAP AD-AD7248AAP Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
AD7248AAP AD-AD7248AAP Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7248AAP AD-AD7248AAP Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
More results

Podobny opis - AD7248AAP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7245A AD-AD7245A Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
AD7245ABRZ AD-AD7245ABRZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245AARZ AD-AD7245AARZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7237A AD-AD7237A Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7245A AD-AD7245A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7248A AD-AD7248A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7247A AD-AD7247A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7237A AD-AD7237A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7245JNZ AD-AD7245JNZ Datasheet
3Mb / 16P
   LC2MOS 12-BiT DACPORT
AD7245 AD-AD7245 Datasheet
1Mb / 16P
   LC2MOS 12-Bit DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com