Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7248AAP Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7248AAP
Szczegółowy opis  LC2MOS 12-Bit DACPORTs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7248AAP Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7248AAP Datasheet HTML 6Page - Analog Devices AD7248AAP Datasheet HTML 7Page - Analog Devices AD7248AAP Datasheet HTML 8Page - Analog Devices AD7248AAP Datasheet HTML 9Page - Analog Devices AD7248AAP Datasheet HTML 10Page - Analog Devices AD7248AAP Datasheet HTML 11Page - Analog Devices AD7248AAP Datasheet HTML 12Page - Analog Devices AD7248AAP Datasheet HTML 13Page - Analog Devices AD7248AAP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD7245A/AD7248A
REV. B
–10–
APPLYING THE AD7245A/AD7248A
The internal scaling resistors provided on the AD7245A/
AD7248A allow several output voltage ranges. The part can
produce unipolar output ranges of 0 V to 5 V or 0 V to 10 V
and a bipolar output range of –5 V to +5 V. Connections for
the various ranges are outlined below.
UNIPOLAR (0 V TO 10 V) CONFIGURATION
The first of the configurations provides an output voltage range
of 0 V to 10 V. This is achieved by connecting the bipolar offset
resistor, ROFS, to AGND and connecting RFB to VOUT. In this
configuration the AD7245A/AD7248A can be operated single
supply (VSS = 0 V = AGND). If dual supply performance is
required, a VSS of –12 V to –15 V should be applied. Figure 8
shows the connection diagram for unipolar operation while the
table for output voltage versus the digital code in the DAC latch
is shown in Table III.
VREF
2R
AD7245A/AD7248A*
VOUT
RFB
10
REF OUT
ROFS
10 F
AGND
*DIGITAL CIRCUITRY
OMITTED FOR CLARITY
0.1 F
VDD
DGND
2R
DAC
REF
VSS
Figure 8. Unipolar (0 to 10 V) Configuration
Table III. Unipolar Code Table (0 V to 10 V Range)
DAC Latch Contents
MSB
LSB
Analog Output, VOUT
1 1 1 1
1 1 1 1
1 1 1 1
+2 VREF
4095
4096


1 0 0 0
0 0 0 0
0 0 0 1
+2 VREF
2049
4096


1 0 0 0
0 0 0 0
0 0 0 0
+2 VREF
2048
4096


=+V
REF
0 1 1 1
1 1 1 1
1 1 1 1
+2 VREF
2047
4096


0 0 0 0
0 0 0 0
0 0 0 1
+2 VREF
1
4096


0 0 0 0
0 0 0 0
0 0 0 0
0 V
NOTE:
1 LSB = 2
VREF(2
–12) = V
REF
1
2048


The
LDAC input controls the transfer of 12-bit data from the
input latch to the DAC latch. This
LDAC signal is also level
triggered, and data is latched into the DAC latch on the rising
edge of
LDAC. The LDAC input is asynchronous and indepen-
dent of
WR. This is useful in many applications especially in
the simultaneous updating of multiple AD7248A outputs. How-
ever, in systems where the asynchronous LDAC can occur during
a write cycle (or vice versa) care must be taken to ensure that
incorrect data is not latched through to the output. In other words,
if LDAC goes low while WR and either CS input are low (or
WR and either CS go low while LDAC is low), then the LDAC
signal must stay low for t7 or longer after WR returns high to
ensure correct data is latched through to the output. The write
cycle timing diagram for the AD7248A is shown in Figure 7.
CSLSB
CSMSB
WR
LDAC
DATA
IN
5V
0V
t4
t3
t3
t5
t5
t6
t6
VALID
DATA
VALID
DATA
5V
0V
5V
0V
5V
0V
5V
0V
t4
t7
t2
t1
t2
t1
Figure 7. AD7248A Write Cycle Timing Diagram
An alternate scheme for writing data to the AD7248A is to tie
the
CSMSB and LDAC inputs together. In this case exercising
CSLSB and WR latches the lower 8 bits into the input latch.
The second write, which exercises
CSMSB, WR and LDAC
loads the upper 4-bit nibble to the input latch and at the same
time transfers the 12-bit data to the DAC latch. This automatic
transfer mode updates the output of the AD7248A in two write
operations. This scheme works equally well for
CSLSB and
LDAC tied together provided the upper 4-bit nibble is loaded
to the input latch followed by a write to the lower 8 bits of
the input latch.
Table II. AD7248A Truth Table
CSLSB CSMSB WR LDAC Function
L
H
L
H
Load LS Byte into Input Latch
LH
g
H
Latches LS Byte into Input Latch
g
H
L
H
Latches LS Byte into Input Latch
H
L
L
H
Loads MS Nibble into Input Latch
HL
g
H
Latches MS Nibble into Input Latch
H
g
L
H
Latches MS Nibble into Input Latch
H
H
H
L
Loads Input Latch into DAC Latch
HH
H
g
Latches Input Latch into DAC Latch
H
L
L
L
Loads MS Nibble into Input Latch and
Loads Input Latch into DAC Latch
H
H
H
H
No Data Transfer Operation
H = High State, L = Low State


Podobny numer części - AD7248AAP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7248AAP AD-AD7248AAP Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
AD7248AAP AD-AD7248AAP Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7248AAP AD-AD7248AAP Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
More results

Podobny opis - AD7248AAP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7245A AD-AD7245A Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
AD7245ABRZ AD-AD7245ABRZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245AARZ AD-AD7245AARZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7237A AD-AD7237A Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7245A AD-AD7245A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7248A AD-AD7248A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7247A AD-AD7247A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7237A AD-AD7237A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7245JNZ AD-AD7245JNZ Datasheet
3Mb / 16P
   LC2MOS 12-BiT DACPORT
AD7245 AD-AD7245 Datasheet
1Mb / 16P
   LC2MOS 12-Bit DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com