Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


UN3E6 Datasheet(Arkusz danych) 2 Page - UN Semiconducctor INC

Numer części UN3E6
Szczegółowy opis  3-Electrode Gas Discharge Tube
Pobierz  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  UNSEMI [UN Semiconducctor INC]
Strona internetowa  http://www.unsemi.com.tw
Logo 

   
 2 page
background image
3-Electrode Gas Discharge Tube (GDT)
Revision October 18, 2013
2 / 4
@ UN Semiconductor Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
UN3E6 Series
UN Semiconductor Co., Ltd.
www.unsemi.com.tw
Radial Leaded Devices (UN3E6-XXXMM)
Without wire Devices (UN3E6-XXXM)
Service Life
DC Spark-over
Voltage
Maximum Impulse
Spark-over Voltage
Maximum
Capacitance
Arc
Voltage
Nominal
Impulse
Discharge
Current
Max Impulse
Discharge
Current
Nominal
Alternating
Discharge
Current
Impulse Life
Part Number
Marking
@100V/S
@100V/
μs
@1KV/
μs
Minimum
Insulation
Resistance
@1MHz
@1A
@8/20
μs 4)
±5 times
@8/20
μs 4)
1 time
@50Hz
4)
1 Sec
10 times
@10/1000
μs 4)
300 times
UN3E6-75MM
UN3E6-75M
UNION
75M
75V
±20%
500V
600V
1 G
Ω
(at 25V)
1.5pF
~15V
10KA
20KA
10A
200A
UN3E6-90MM
UN3E6-90M
UNION
90M
90V
±20%
500V
600V
1 G
Ω
(at 50V)
1.5pF
~15V
10KA
20KA
10A
200A
UN3E6-150MM
UN3E6-150M
UNION
150M
150V
±20%
500V
600V
1 G
Ω
(at 50V)
1.5pF
~20V
10KA
20KA
10A
200A
UN3E6-230MM
UN3E6-230M
UNION
230M
230V
±20%
600V
700V
1 G
Ω
(at 100V)
1.5pF
~20V
10KA
20KA
10A
200A
UN3E6-250MM
UN3E6-250M
UNION
250M
250V
±20%
600V
700V
1 G
Ω
(at 100V)
1.5pF
~20V
10KA
20KA
10A
200A
UN3E6-300MM
UN3E6-300M
UNION
300M
300V
±20%
800V
900V
1 G
Ω
(at 100V)
1.5pF
~20V
10KA
20KA
10A
200A
UN3E6-350MM
UN3E6-350M
UNION
350M
350V
±20%
800V
900V
1 G
Ω
(at 100V)
1.5pF
~20V
10KA
20KA
10A
200A
UN3E6-420MM
UN3E6-420M
UNION
420M
420V
±20%
900V
1000V
1 G
Ω
(at 100V)
1.5pF
~20V
10KA
20KA
10A
200A
UN3E6-470MM
UN3E6-470M
UNION
470M
470V
±20%
900V
1000V
1 G
Ω
(at 100V)
1.5pF
~20V
10KA
20KA
10A
200A
UN3E6-600MM
UN3E6-600M
UNION
600M
600V
±20%
1100V
1200V
1 G
Ω
(at 100V)
1.5pF
~20V
10KA
20KA
10A
200A
Notes:
1). Terms in accordance with ITU-T K.12 and GB/T 9043-2008
2). At delivery AQL 0.65 level Ⅱ, DIN ISO 2859
3). Tip or ring electrode to center electrode
4). Total current through center electrode, half value through tip respectively ring electrode
Dimensions
(Unit: mm)
Electrical Characteristics




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl