Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


INA126 Datasheet(Arkusz danych) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części INA126
Szczegółowy opis  MicroPOWER INSTRUMENTATION AMPLIFIER Single and Dual Versions
Pobierz  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo 

 
 4 page
background image
INA126, INA2126
4
SBOS062A
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C and VS = ±15V, unless otherwise noted.
GAIN vs FREQUENCY
70
60
50
40
30
20
10
0
–10
Frequency (Hz)
100
1k
10k
100k
1M
G = 1000
G = 100
G = 20
G = 5
COMMON-MODE REJECTION vs FREQUENCY
110
100
90
80
70
60
50
40
30
20
10
0
Frequency (Hz)
10
100
1k
10k
100k
1M
G = 1000
G = 100
G = 5
POSITIVE POWER SUPPLY REJECTION
vs FREQUENCY
120
100
80
60
40
20
0
Frequency (Hz)
10
100
1k
10k
100k
1M
G = 1000
G = 100
G = 5
NEGATIVE POWER SUPPLY REJECTION
vs FREQUENCY
120
100
80
60
40
20
0
Frequency (Hz)
10
100
1k
10k
100k
1M
G = 1000
G = 100
G = 5
INPUT COMMON-MODE RANGE
vs OUTPUT VOLTAGE, V
S = ±15V
Output Voltage (V)
–15
–10
0
5
15
–5
15
10
5
0
–5
–10
–15
10
VD/2
+
+
VCM
VO
VD/2
Ref
–15V
+15V
+
Limited by A2 o
utput swing—se
e text
Limited by A2 o
utput swing—se
e text
INPUT COMMON-MODE VOLTAGE RANGE
vs OUTPUT VOLTAGE, V
S = ±5V
Output Voltage (V)
–5
–45
–3
–2
–10
1
2
3
4
5
4
3
2
1
0
–1
–2
–3
–4
–5
Limited by A2 o
utput swing—se
e text
Limited by A2 o
utput swing—se
e text
V
S = ±5V
V
S = +5V/0V
V
REF = 2.5V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADA4004-11.8 nV/Hz 36 V Precision Single and Dual Amplifier 1 2 3 4 Analog Devices
LT6000Single Dual and Quad 1.8V 13uA Precision Rail-to-Rail Op Amps 1 2 3 4 5 MoreLinear Technology
FMPA21512.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module 1 2 3 4 Fairchild Semiconductor
ADCMP361Single Comparator with 400mV Reference and Dual Polarity Outputs 1 2 3 4 5 MoreAnalog Devices
CS3004Precision Dual Low-voltage Amplifier 1 2 3 4 5 MoreCirrus Logic
CA3040Video and Wide-band Amplifier 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM95241Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm™ Technology 65nm/90nm 1 2 3 4 5 MoreNational Semiconductor (TI)
SN74AVCH20T24520 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
AD8224Precision Dual-Channel JFET Input Rail-to-Rail Instrumentation Amplifier 1 2 3 4 5 MoreAnalog Devices
CS3014Dual Low-power / Low-voltage Precision Amplifier 1 2 3 4 5 MoreCirrus Logic

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl