Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC134MS-14 Arkusz danych(PDF) 1 Page - API Technologies Corp

Numer części MC134MS-14
Szczegółowy opis  Double Balanced Mixer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  APITECH [API Technologies Corp]
Strona internetowa  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MC134MS-14 Arkusz danych(HTML) 1 Page - API Technologies Corp

  MC134MS-14 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
601
SPECTRUM MICROWAVE • 2144 Franklin Drive N.E. • Palm Bay, Florida 32905 • Phone: (888) 553-7531 • Fax: (888) 553-7532
SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
MICROWAVE
A Spectrum Control Business
ECTRU
www.specwave.com
Double Balanced Mixer
Communications Band
Model MC134MS-3
Model MC134MS-14
RF 17.0 to 24.0 GHz
LO(GHz)
15.0-26.0
15.0-26.0
15.0-26.0
15.0-26.0
15.0-26.0
15.0-26.0
15.0-26.0
RF(GHz)
17.0-24.0
17.0-24.0
17.0-24.0
17.0-24.0
17.0-24.0
17.0-24.0
IF(MHz)
DC-2000
DC-4000
DC-4000
DC-4000
DC-4000
Min
Typical
7.5 dB
8.5 dB
38 dB
30 dB
40 dB
+3 dBm
+13 dBm
+10 dBm
Max
9.5 dB
10.5 dB
Conditions
Specifications
Electrical Specifications
(1):
Parameter
SSB Conversion
loss:
(2) (3)
Isolation
LO to RF:
LO to IF:
RF to IF:
Input 1-dB
Compression Point:
Input Third Order
Intercept Point:
LO Power:
(4)
MC134MS-3
MC134MS-14
Typical
Performance
at 25˚C
Notes:
1. Specifications are guaranteed when tested as a downconverter in a 50 Ohm system at +25˚C with the
nominal LO power. Specifications indicated as typical are not guaranteed.
2. Noise figure is typically within ±0.5 dB of conversion loss for IF frequencies greater than 10 MHz.
3. Conversion loss typically degrades less than 0.5 dB at +100˚C and improves less than 0.5 dB at -55˚C.
4. Usable LO drives are up to 2 dB below and 3 dB above nominal.
5. See Application note M112, for aid in selecting the outline and for mounting and installation information.
All dimensions are in inches and [mm].
Outline: MS3C
Outline: MS3D


Podobny numer części - MC134MS-14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Spectrum Microwave, Inc...
MC134MS-14 SPECTRUM-MC134MS-14 Datasheet
1,012Kb / 1P
   Double Balanced Mixer
More results

Podobny opis - MC134MS-14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
   Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer
M76H MA-COM-M76H Datasheet
1Mb / 3P
   Double-Balanced Mixer
M6E-50 MA-COM-M6E-50_15 Datasheet
651Kb / 3P
   Double-Balanced Mixer
M9BC MA-COM-M9BC_15 Datasheet
698Kb / 2P
   Double-Balanced Mixer
M63HC MA-COM-M63HC_15 Datasheet
1,006Kb / 3P
   Double-Balanced Mixer
M76C MA-COM-M76C_15 Datasheet
1Mb / 3P
   Double-Balanced Mixer
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com