Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC0553A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TC0553A
Szczegółowy opis  SAW Resonator 423.22 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0553A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0553A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0553A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0553A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0553A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0553A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 423.22 MHz
MODEL NO.: TC0553A
REV. NO.:1
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1.Input Power Level: 0 dBm
2.DC voltage: 12 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Reference Temperature TA=25℃
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fc
MHz
423.145
423.220
423.295
Insertion Loss IL
dB
-
1.2
1.7
Ageing of fc
ppm/yr
-
-
±
10
Equivalent Circuit Model
Motional capacitance C1
fF
-
2.2
-
Motional inductance L1
μ
H
-
65.6
-
Motional resistance R1
Ohm
-
11.4
23
Parallel capacitance Co
pF
-
3.6
-
Frequency Temperature coefficient (TCf) ppm/c*2
-
0.032
-
Turnover To
deg.C
-
50
-
Package size
mm
SMD 5.0X3.5X1.4mm
Temperature dependence of fc: fc(TA)=fc(TO)(1+TCf(TA-TO)2)
D.EQUVIRENT CIRCUIT:
One-Port Resonator:
RoHS Compliant
Lead free
Lead-free soldering


Podobny numer części - TC0553A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TC0552A TAI-SAW-TC0552A Datasheet
406Kb / 6P
   SAW Resonator 461.044 MHz
TC0554A TAI-SAW-TC0554A Datasheet
399Kb / 6P
   SAW Resonator 433.72 MHz
TC0556A TAI-SAW-TC0556A Datasheet
413Kb / 6P
   SAW Resonator 1033.333 MHz
More results

Podobny opis - TC0553A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
RO3102 MURATA-RO3102 Datasheet
191Kb / 2P
   423.22 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2102 RFM-RO2102 Datasheet
146Kb / 2P
   423.22 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0149E TAI-SAW-TC0149E Datasheet
744Kb / 4P
   SAW Resonator 423.22 MHz
logo
Murata Manufacturing Co...
RP1298 MURATA-RP1298_15 Datasheet
253Kb / 2P
   423.22 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2102A RFM-RO2102A Datasheet
169Kb / 2P
   423.22 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3102A MURATA-RO3102A Datasheet
392Kb / 2P
   423.22 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2102A-1 RFM-RO2102A-1 Datasheet
98Kb / 2P
   423.22 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1298-2 MURATA-RP1298-2 Datasheet
127Kb / 2P
   423.22 MHz SAW Resonator
RP1298-2 MURATA-RP1298-2_15 Datasheet
254Kb / 2P
   423.22 MHz SAW Resonator
logo
RF Monolithics, Inc
RP1298 RFM-RP1298 Datasheet
149Kb / 2P
   423.22 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3102A-1 MURATA-RO3102A-1 Datasheet
392Kb / 2P
   423.22 MHz SAW Resonator
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com