Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54LS257 Arkusz danych(PDF) 4 Page - Motorola, Inc

Numer części 54LS257
Szczegółowy opis  QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

54LS257 Arkusz danych(HTML) 4 Page - Motorola, Inc

  54LS257 Datasheet HTML 1Page - Motorola, Inc 54LS257 Datasheet HTML 2Page - Motorola, Inc 54LS257 Datasheet HTML 3Page - Motorola, Inc 54LS257 Datasheet HTML 4Page - Motorola, Inc 54LS257 Datasheet HTML 5Page - Motorola, Inc 54LS257 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5-430
FAST AND LS TTL DATA
SN54/74LS257B
D SN54/74LS258B
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
54
0.7
V
Guaranteed Input LOW Voltage for
All Inputs
VIL
Input LOW Voltage
74
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
54
2.4
3.4
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOH
Output HIGH Voltage
74
2.4
3.1
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOL
Output LOW Voltage
54, 74
0.25
0.4
V
IOL = 12 mA
VCC = VCC MIN,
VIN = VIL or VIH
per Truth Table
VOL
Output LOW Voltage
74
0.35
0.5
V
IOL = 24 mA
VIN = VIL or VIH
per Truth Table
IOZH
Output Off Current — HIGH
20
µA
VCC = MAX, VOUT = 2.7 V
IOZL
Output Off Current — LOW
– 20
µA
VCC = MAX, VOUT = 0.4 V
IIH
Input HIGH Current
Other Inputs
S Inputs
20
40
µA
VCC = MAX, VIN = 2.7 V
IIH
Other Inputs
S Inputs
0.1
0.2
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
All Inputs
– 0.4
mA
VCC = MAX, VIN = 0.4 V
IOS
Short Circuit Current (Note 1)
– 30
– 130
mA
VCC = MAX
ICC
Power Supply Current
Total, Output HIGH
LS257B
LS258B
10
9.0
mA
VCC = MAX
ICC
Total, Output LOW
LS257B
LS258B
16
14
mA
VCC = MAX
Total, Output 3-State
LS257B
LS258B
19
16
mA
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25°C, VCC = 5.0 V) See SN54LS251 for Waveforms
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
tPHL
Propagation Delay, Data to Output
10
12
13
15
ns
Figures 1 & 2
CL = 45 pF
tPLH
tPHL
Propagation Delay, Select to Output
14
14
21
21
ns
Figures 1 & 2
CL = 45 pF
tPZH
Output Enable Time to HIGH Level
20
25
ns
Figures 4 & 5
CL = 45 pF
RL = 667 Ω
tPZL
Output Enable Time to LOW Level
20
25
ns
Figures 3 & 5
CL = 45 pF
RL = 667 Ω
tPLZ
Output Disable Time to LOW Level
16
25
ns
Figures 3 & 5
CL = 5.0 pF
RL = 667 Ω
tPHZ
Output Disable Time from HIGH Level
18
25
ns
Figures 4 & 5
CL = 5.0 pF
RL = 667 Ω


Podobny numer części - 54LS257

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54LS257 NSC-54LS257 Datasheet
163Kb / 8P
   TRI-STATE Quad 2-Data Selectors/Multiplexers
logo
Texas Instruments
54LS257 TI-54LS257 Datasheet
661Kb / 16P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
54LS257 TI1-54LS257 Datasheet
413Kb / 10P
[Old version datasheet]   TRI-STATE(RM) Quad 2-Data Selectors/Multiplexers
logo
National Semiconductor ...
54LS257A NSC-54LS257A Datasheet
163Kb / 8P
   TRI-STATE Quad 2-Data Selectors/Multiplexers
logo
Texas Instruments
54LS257A TI1-54LS257A Datasheet
413Kb / 10P
[Old version datasheet]   TRI-STATE(RM) Quad 2-Data Selectors/Multiplexers
More results

Podobny opis - 54LS257

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CY74FCT257T TI-CY74FCT257T Datasheet
330Kb / 12P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F257A MOTOROLA-MC74F257A Datasheet
78Kb / 3P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258 Datasheet
90Kb / 8P
   Quad 2-Input Multiplexer with 3-STATE Outputs
74F257ASCX FAIRCHILD-74F257ASCX Datasheet
80Kb / 7P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CY74FCT257T TI1-CY74FCT257T_15 Datasheet
378Kb / 15P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC257 ONSEMI-MC74AC257_15 Datasheet
101Kb / 9P
   Quad 2-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 8
logo
Fairchild Semiconductor
74AC257 FAIRCHILD-74AC257 Datasheet
97Kb / 9P
   Quad 2-Input Multiplexer with 3-STATE Outputs
74F257A FAIRCHILD-74F257A Datasheet
79Kb / 7P
   Quad 2-Input Multiplexer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com