Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

80-M006PNB006SA-K614C Arkusz danych(PDF) 5 Page - Vincotech

Numer części 80-M006PNB006SA-K614C
Szczegółowy opis  Solderless interconnection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VINCOTECH [Vincotech]
Strona internetowa  http://www.vincotech.com
Logo VINCOTECH - Vincotech

80-M006PNB006SA-K614C Arkusz danych(HTML) 5 Page - Vincotech

  80-M006PNB006SA-K614C Datasheet HTML 1Page - Vincotech 80-M006PNB006SA-K614C Datasheet HTML 2Page - Vincotech 80-M006PNB006SA-K614C Datasheet HTML 3Page - Vincotech 80-M006PNB006SA-K614C Datasheet HTML 4Page - Vincotech 80-M006PNB006SA-K614C Datasheet HTML 5Page - Vincotech 80-M006PNB006SA-K614C Datasheet HTML 6Page - Vincotech 80-M006PNB006SA-K614C Datasheet HTML 7Page - Vincotech 80-M006PNB006SA-K614C Datasheet HTML 8Page - Vincotech 80-M006PNB006SA-K614C Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
80-M006PNB006SA-K614C;80-M006PNB006SA01-K614D
preliminary datasheet
Figure 5
Output inverter IGBT
Figure 6
Output inverter IGBT
Typical switching energy losses
Typical switching energy losses
as a function of collector current
as a function of gate resistor
E = f(IC)
E = f(RG)
inductive load
inductive load
Tj =
25/150
°C
Tj =
25/150
°C
VCE =
300
V
VCE =
300
V
VGE =
±15
V
VGE =
±15
V
Rgon =
64
IC =
6A
Rgoff =
64
Figure 7
Output inverter FWD
Figure 8
Output inverter FWD
Typical reverse recovery energy loss
Typical reverse recovery energy loss
as a function of collector current
as a function of gate resistor
Erec = f(IC)Erec = f(RG)
inductive load
inductive load
Tj =
25/150
°C
Tj =
25/150
°C
VCE =
300
V
VCE =
300
V
VGE =
±15
V
VGE =
±15
V
Rgon =
64
IC =
6A
Output Inverter
Eon High T
Eoff High T
Eon Low T
Eoff Low T
0,0
0,1
0,2
0,3
0,4
0,5
0,6
03
69
12
I C (A)
Eoff High T
Eon High T
Eon Low T
Eoff Low T
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0
64
128
192
256
320
R G (
Ω )
Tj = Tjmax -25°C
Erec
Tj = 25°C
Erec
0,0
0,1
0,1
0,2
0,2
0,3
03
69
12
I C (A)
Tj = Tjmax -25°C
Erec
Tj = 25°C
Erec
0,00
0,05
0,10
0,15
0,20
0,25
0
64
128
192
256
320
R G (
Ω )
copyright Vincotech
5
Revision: 1


Podobny numer części - 80-M006PNB006SA-K614C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vincotech
80-M006PNB006SA-K614 VINCOTECH-80-M006PNB006SA-K614_16 Datasheet
945Kb / 17P
   Solderless interconnection
More results

Podobny opis - 80-M006PNB006SA-K614C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vincotech
V23990-K420-A40-PM VINCOTECH-V23990-K420-A40-PM Datasheet
1Mb / 18P
   Solderless interconnection
80-M006PNB010SA-K615C VINCOTECH-80-M006PNB010SA-K615C Datasheet
311Kb / 17P
   Solderless interconnection
80-M012PNB008SC-K619C41 VINCOTECH-80-M012PNB008SC-K619C41 Datasheet
314Kb / 17P
   Solderless interconnection
V23990-K220-A40-P1-14 VINCOTECH-V23990-K220-A40-P1-14 Datasheet
511Kb / 22P
   Solderless interconnection
V23990-K229-A41-D3-14 VINCOTECH-V23990-K229-A41-D3-14 Datasheet
393Kb / 22P
   Solderless interconnection
V23990-K420-A40-P1-14 VINCOTECH-V23990-K420-A40-P1-14 Datasheet
458Kb / 22P
   Solderless interconnection
80-M006PNB006SA-K614 VINCOTECH-80-M006PNB006SA-K614_16 Datasheet
945Kb / 17P
   Solderless interconnection
80-M3126BA140SC02-K489G40 VINCOTECH-80-M3126BA140SC02-K489G40 Datasheet
1Mb / 21P
   Solderless interconnection
80-M006PNB010SA-K615 VINCOTECH-80-M006PNB010SA-K615 Datasheet
939Kb / 17P
   Solderless interconnection
V23990-K229-A40-P3-14 VINCOTECH-V23990-K229-A40-P3-14 Datasheet
481Kb / 22P
   Solderless interconnection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com