Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

80-M006PNB010SA01-K615D Arkusz danych(PDF) 3 Page - Vincotech

Numer części 80-M006PNB010SA01-K615D
Szczegółowy opis  Output Inverter Application
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VINCOTECH [Vincotech]
Strona internetowa  http://www.vincotech.com
Logo VINCOTECH - Vincotech

80-M006PNB010SA01-K615D Arkusz danych(HTML) 3 Page - Vincotech

  80-M006PNB010SA01-K615D Datasheet HTML 1Page - Vincotech 80-M006PNB010SA01-K615D Datasheet HTML 2Page - Vincotech 80-M006PNB010SA01-K615D Datasheet HTML 3Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
80-M006PNB010SA-K615C ; 80-M006PNB010SA01-K615D
preliminary datasheet
MiniSkiip 0
600V/10A
Figure 9
Inverter
Figure 10
Inverter
Typical available peak output power as a function of
Typical efficiency as a function of output power
heatsink temperature
Pout=f(Th)
efficiency=f(Pout)
Tj =
150
°C
Tj =
150
°C
DC link =
320
V
DC link =
320
V
Mi =
1
Mi =
1
cos
φ=0,80
cos
φ=0,80
fsw from
2 kHz to 16 kHz in steps of factor 2
fsw from
2 kHz to 16 kHz in steps of factor 2
Figure 11
Inverter
Typical available overload factor as a function of
motor power and switching frequency
Ppeak / Pnom=f(Pnom,fsw)
Tj =
150
°C
DC link =
320
V
Mi =
1
cos
φ=0,8
fsw from
1 kHz to 16kHz in steps of factor 2
Th =
80
°C
Motor eff = 0,85
Output Inverter Application
2kHz
16kHz
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
60
65
70
75
80
85
90
95
100
Th (
o C)
2kHz
16kHz
95,0
95,5
96,0
96,5
97,0
97,5
98,0
98,5
99,0
99,5
100,0
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
Pout (kW)
100
150
200
250
300
350
400
Motor nominal power (HP/kW)
1
399
266
200
133
0
0
2
399
266
200
133
0
0
4
399
266
200
133
0
0
8
399
266
200
133
0
0
16
399
266
200
133
0
0
1,00 / 0,74
1,50 / 1,10
2,00 / 1,47
3,00 / 2,21
5,00 / 3,68
7,50 / 5,52
copyright Vincotech
3
Revision: 1


Podobny numer części - 80-M006PNB010SA01-K615D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vincotech
80-M006PNB010SA-K615 VINCOTECH-80-M006PNB010SA-K615 Datasheet
939Kb / 17P
   Solderless interconnection
80-M006PNB010SA-K615C VINCOTECH-80-M006PNB010SA-K615C Datasheet
311Kb / 17P
   Solderless interconnection
80-M006PNB010SA-K615C-0A VINCOTECH-80-M006PNB010SA-K615C-0A Datasheet
939Kb / 17P
   Solderless interconnection
80-M006PNB010SA-K615C-0B VINCOTECH-80-M006PNB010SA-K615C-0B Datasheet
939Kb / 17P
   Solderless interconnection
80-M006PNB010SA-K615C-1A VINCOTECH-80-M006PNB010SA-K615C-1A Datasheet
939Kb / 17P
   Solderless interconnection
More results

Podobny opis - 80-M006PNB010SA01-K615D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vincotech
V23990-P545-X3X-D3-19 VINCOTECH-V23990-P545-X3X-D3-19 Datasheet
57Kb / 3P
   Output Inverter Application
V23990-P546-X3X-D3-19 VINCOTECH-V23990-P546-X3X-D3-19 Datasheet
58Kb / 3P
   Output Inverter Application
V23990-P585-X2X-D2-19 VINCOTECH-V23990-P585-X2X-D2-19 Datasheet
60Kb / 3P
   Output Inverter Application
V23990-P586-X2X-D2-19 VINCOTECH-V23990-P586-X2X-D2-19 Datasheet
59Kb / 3P
   Output Inverter Application
V23990-P541-X3X-D3-19 VINCOTECH-V23990-P541-X3X-D3-19 Datasheet
63Kb / 3P
   Output Inverter Application
V23990-K200-A-P1-19 VINCOTECH-V23990-K200-A-P1-19 Datasheet
55Kb / 3P
   Output inverter application
V23990-K420-A40-P1-19 VINCOTECH-V23990-K420-A40-P1-19 Datasheet
76Kb / 3P
   Output Inverter Application
V23990-P630-A40-P1-19 VINCOTECH-V23990-P630-A40-P1-19 Datasheet
74Kb / 3P
   Output Inverter Application
V23990-P768-A-P1-19 VINCOTECH-V23990-P768-A-P1-19 Datasheet
63Kb / 3P
   Output Inverter Application
V23990-P840-X4X-P1-19 VINCOTECH-V23990-P840-X4X-P1-19 Datasheet
86Kb / 3P
   Output Inverter Application
V23990-P849-X5X-P2-19 VINCOTECH-V23990-P849-X5X-P2-19 Datasheet
63Kb / 4P
   Output Inverter Application
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com