Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS350-6S Arkusz danych(PDF) 4 Page - MTU Onsite Energy Corporation

Numer części GS350-6S
Szczegółowy opis  GAS GENERATOR SET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MTU [MTU Onsite Energy Corporation]
Strona internetowa  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

GS350-6S Arkusz danych(HTML) 4 Page - MTU Onsite Energy Corporation

  GS350-6S Datasheet HTML 1Page - MTU Onsite Energy Corporation GS350-6S Datasheet HTML 2Page - MTU Onsite Energy Corporation GS350-6S Datasheet HTML 3Page - MTU Onsite Energy Corporation GS350-6S Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
///  /
GS350-6S
WEIGHTS AND DIMENSIONS
Materials and specifications subject to change without notice.
C/F = Consult Factory/MTU Onsite Energy Distributor
EMISSIONS DATA
Fuel Type
THC + NOx
CO
Natural Gas
0.59
0.21
Liquid Propane
0.09
0.18
All units are in g/hp-hr and are EPA D2 cycle values.
RATING DEFINITIONS AND CONDITIONS
// 
Ambient capability factor at 984 ft (300 m). Consult your
local MTU Onsite Energy Power Generation Distributor for
other altitudes.
// 
Standby ratings apply to installations served by a reliable
utility source. The standby rating is applicable to varying
loads for the duration of a power outage. No overload
capability for this rating. Ratings are in accordance with
ISO 3046-1, BS 5514, AS 2789, and DIN 6271.
// 
Deration Factor:
Production tolerances in engines and installed components
can account for power variations. Altitude, temperature and
excessive exhaust and intake restrictions should be applied
to power calculations. Consult your local MTU Onsite Energy
Power Generation Distributor for derations.
Drawing above for illustration purposes only, based on standard open power 480 volt generator set. Lengths may vary with other voltages. Do not use for installation design.
See website for unit specific template drawings.
Sound data is provided at 7 m (23 ft). Generator set tested in accordance with ISO 8528-10 and with infinite exhaust.
System
Dimensions (L x W x H)
Weight (dry)
Open Power Unit (OPU)
4,369 x 2,506 x 2,413 mm (172 x 98.63 x 95 in)
4,741 kg (10,452 lb)
Weights and dimensions are based on open power units and are estimates only. Consult the factory for accurate weights and dimensions for your specific generator set.
SOUND DATA
Unit Type
Standby Full Load (NG)
Standby Full Load (LP)
Level 0: Open Power Unit dB(A)
85.1
84.8
MTU Onsite Energy
A Rolls-Royce Power Systems Brand
www.mtuonsiteenergy.com


Podobny numer części - GS350-6S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GS35 ETC2-GS35 Datasheet
163Kb / 2P
   Gold Seal Series Public Address Amplifiers
logo
Mallory performance clu...
GS356 MALLORY-GS356 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
logo
Semtech Corporation
GS3590 SEMTECH-GS3590 Datasheet
4Mb / 118P
   Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS3590-INE3 SEMTECH-GS3590-INE3 Datasheet
4Mb / 118P
   Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS3590-INTE3 SEMTECH-GS3590-INTE3 Datasheet
4Mb / 118P
   Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
More results

Podobny opis - GS350-6S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MTU Onsite Energy Corpo...
GS400-6S MTU-GS400-6S Datasheet
512Kb / 4P
   GAS GENERATOR SET
MTU4R0113DS125 MTU-MTU4R0113DS125 Datasheet
439Kb / 4P
   GAS GENERATOR SET
MTU6R0185GS200 MTU-MTU6R0185GS200 Datasheet
381Kb / 4P
   GAS GENERATOR SET
MTU6V0072GS40 MTU-MTU6V0072GS40 Datasheet
459Kb / 4P
   GAS GENERATOR SET
MTU12V0183GS400 MTU-MTU12V0183GS400 Datasheet
495Kb / 4P
   GAS GENERATOR SET
40-GC6NLT1 MTU-40-GC6NLT1_14 Datasheet
466Kb / 4P
   GAS GENERATOR SET
MTU4R0075GS30 MTU-MTU4R0075GS30 Datasheet
271Kb / 4P
   GAS GENERATOR SET
MTU8V0071GS60 MTU-MTU8V0071GS60 Datasheet
441Kb / 4P
   GAS GENERATOR SET
60-GC6NLT1-STANDBY MTU-60-GC6NLT1-STANDBY Datasheet
440Kb / 4P
   GAS GENERATOR SET
30-GC6NLT1 MTU-30-GC6NLT1_14 Datasheet
271Kb / 4P
   GAS GENERATOR SET
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com