Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC015A Arkusz danych(PDF) 3 Page - Lineage Power Corporation

Numer części LC015A
Szczegółowy opis  LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINEAGEPOWER [Lineage Power Corporation]
Strona internetowa  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

LC015A Arkusz danych(HTML) 3 Page - Lineage Power Corporation

  LC015A Datasheet HTML 1Page - Lineage Power Corporation LC015A Datasheet HTML 2Page - Lineage Power Corporation LC015A Datasheet HTML 3Page - Lineage Power Corporation LC015A Datasheet HTML 4Page - Lineage Power Corporation LC015A Datasheet HTML 5Page - Lineage Power Corporation LC015A Datasheet HTML 6Page - Lineage Power Corporation LC015A Datasheet HTML 7Page - Lineage Power Corporation LC015A Datasheet HTML 8Page - Lineage Power Corporation LC015A Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Lineage Power
3
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Electrical Specifications (continued)
Table 2. Output Specifications
Parameter
Device Code
or Suffix
Symbol
Min
Typ
Max
Unit
Output Voltage Set Point
(VI = VI, nom; IO = IO, max; TA = 25 °C)
D
G*
F
A
B
C
AJ
BK
CL
VO, set
VO, set
VO, set
VO, set
VO, set
VO, set
VO1, set
VO2, set
VO1, set
VO2, set
VO1, set
VO2, set
1.92
3.17
4.85
11.52
14.40
4.75
–4.75
11.40
–11.40
14.25
–14.25
2.0
2.5
3.3
5.0
12.0
15.0
5.0
–5.0
12.0
–12.0
15.0
–15.0
2.08
3.43
5.20
12.48
15.60
5.25
–5.25
12.60
–12.60
15.75
–15.75
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Output Voltage
(Over all line, load, and temperature
conditions until end of life; see
Figures 35 and 37.)
D
G*
F
A
B
C
AJ
BK
CL
VO, set
VO, set
VO, set
VO, set
VO, set
VO, set
VO1, set
VO2, set
VO1, set
VO2, set
VO1, set
VO2, set
1.90
3.13
4.80
11.40
14.25
4.5
–4.5
10.80
–10.80
13.50
–13.50
2.5
2.10
3.47
5.25
12.60
15.75
5.5
–5.5
13.20
–13.20
16.50
–16.50
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Output Regulation
(See Figures 5—11):
Line (VI = VI, min to VI, max)
Load (IO = IO, min to IO, max)
Load (IO = IO, min to IO, max)
Temperature
(TC = –40 °C to +85 °C)
A, F, D, G*
B, C
Lx010 A, F, D, G*
B, C
Lx015 A, F, D, G*
B, C
A, F, D, G*
B, C
0.01
0.1
0.1
25
0.5
5
0.1
10
0.2
15
0.2
100
2.0
mV
%VO
mV
%VO
mV
%VO
mV
%VO
Output Ripple and Noise
(Across 2 x 0.47 µF ceramic capaci-
tors; see Figures 34 and 36.):
RMS
Peak-to-peak (5 Hz to 20 MHz)
A, D, F, G*
AJ, B, C
BK, CL
A, D, F, G*
AJ, B, C
BK, CL
30
35
50
100
120
150
mVrms
mVrms
mVrms
mVp-p
mVp-p
mVp-p
External Load Capacitance
A, F, D, G*
B, C
1000
200
µF
µF
* For a 2.5 V output, use the 2 V output module (D code) with an output voltage trim pin (optional feature).


Podobny numer części - LC015A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
LC015A MACOM-LC015A Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
LC015A GE-LC015A Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015A LINEAGEPOWER-LC015A Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results

Podobny opis - LC015A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Semiconductor
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW015A91 LINEAGEPOWER-LW015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
General Semiconductor
JC030D-M GE-JC030D-M Datasheet
738Kb / 20P
   JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com