Zakładka z wyszukiwarką danych komponentów |
|
LC015C Arkusz danych(PDF) 6 Page - Lineage Power Corporation |
|
LC015C Arkusz danych(HTML) 6 Page - Lineage Power Corporation |
6 / 24 page 6 Lineage Power Data Sheet March 27, 2008 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W LC/LW010- and LC/LW015-Series Power Modules: Electrical Specifications (continued) Table 4. General Specifications Parameter Min Typ Max Unit Calculated MTBF (IO = 80% of IO, max; TC = 40 °C): Lx010 Lx015 — — 7,800,000 5,400,000 — — hours hours Weight — — 28.3 (1.0) g (oz.) Hand Soldering (soldering iron 3 mm (0.125 in.) tip, 425 °C) —— 12 s Table 5. Feature Specifications Parameter Device Code or Suffix Symbol Min Typ Max Unit Remote On/Off Signal Interface (optional): (VI = 0 V to VI, max; open collector or equivalent compatible; signal referenced to VI(–) terminal. See Figure 38 and Feature Descriptions.): Positive Logic— Device Code Suffix “4”: Logic Low—Module Off Logic High—Module On Negative Logic— Device Code Suffix “1”: Logic Low—Module On Logic High—Module Off Module Specifications: On/Off Current—Logic Low On/Off Voltage: Logic Low Logic High (Ion/off = 0) Open Collector Switch Specifications: Leakage Current During Logic High (Von/off = 10 V) Output Low Voltage During Logic Low (Ion/off = 1 mA) All All All All All Ion/off Von/off Von/off Ion/off Von/off — –0.7 — — — — — — — — 1.0 1.2 10 50 1.2 mA V V µA V Turn-on Delay and Rise Times (At 80% of IO, max; TA = 25 °C; see Figures 31 and 32.): Case 1: On/Off Input Is Set for Unit On and then Input Power Is Applied (delay from point at which VI = VI, min until VO = 10% of VO, nom). Case 2: Input Power Is Applied for at Least One Second, and then the On/Off Input Is Set to Turn the Module On (delay from point at which on/off input is toggled until VO = 10% of VO, nom). Output Voltage Rise Time (time for VO to rise from 10% of VO, nom to 90% of VO, nom) Output Voltage Overshoot (at 80% of IO, max; TA = 25 °C) All All All All Tdelay Tdelay Trise — — — — — 5 1 0.2 — 20 10 5 5 ms ms ms % |
Podobny numer części - LC015C |
|
Podobny opis - LC015C |