Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC010B Arkusz danych(PDF) 8 Page - Lineage Power Corporation

Numer części LC010B
Szczegółowy opis  LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINEAGEPOWER [Lineage Power Corporation]
Strona internetowa  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

LC010B Arkusz danych(HTML) 8 Page - Lineage Power Corporation

Back Button LC010B Datasheet HTML 4Page - Lineage Power Corporation LC010B Datasheet HTML 5Page - Lineage Power Corporation LC010B Datasheet HTML 6Page - Lineage Power Corporation LC010B Datasheet HTML 7Page - Lineage Power Corporation LC010B Datasheet HTML 8Page - Lineage Power Corporation LC010B Datasheet HTML 9Page - Lineage Power Corporation LC010B Datasheet HTML 10Page - Lineage Power Corporation LC010B Datasheet HTML 11Page - Lineage Power Corporation LC010B Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
Lineage Power
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Characteristics Curves (continued)
8-1787(C)
Figure 3. LW010 Input Current vs. Input Voltage at
IO = IO, max and TC = 25 °C
8-1788(C)
Figure 4. LW015 Input Current vs. Input Voltage at
IO = IO, max and TC = 25 °C
8-1789(C)
Figure 5. Lx010x/Lx015x Single-Output Load
Regulation, Normalized Output Voltage
vs. Normalized Output Current at
TC = 25 °C
8-1790(C)
Note: Output2 has characteristics similar to output1 when
IO1 = 0.5 A and IO2 varies.
Figure 6. Lx010AJ Typical Load Regulation of
Output1 with Fixed IO2 = 0.5 A at
TC = 25 °C
8-1791(C)
Note: Output2 has characteristics similar to output1 when
IO2 = 0.1 A and IO1 varies.
Figure 7. Lx010AJ Typical Cross Regulation,
VO1 vs. IO2 with Fixed IO1 = 0.1 A at
TC = 25 °C
10
20
30
50
40
60
0.00
0.30
INPUT VOLTAGE, V I (V)
0.20
0.15
0.25
70
0.40
80
0
0.35
0.10
0.05
0.45
0.50
0.2
0.0
0.4
0.6
0.7
0.1
0.3
0.5
10
20
30
70
40
80
0
60
50
INPUT VOLTAGE, V I (V)
0.1
0.2
0.6
0.7
0.8
0.9
0.997
1.002
NORMALIZED OUTPUT CURRENT (IO/IO, max)
1.000
0.999
1.001
1.0
0.0
1.003
0.998
0.4
0.5
0.3
VI = LOW LINE
VI = HIGH LINE
VI = NOM LINE
0.1
0.2
0.3
0.4
0.5
0.6
4.90
5.05
OUTPUT CURRENT 1, IO1 (A)
5.00
5.10
1.0
0.0
4.95
0.7
5.15
0.8
0.9
VI = HIGH LINE
VI = LOW LINE
VI = NOM LINE
0.1
0.2
0.6
0.7
0.8
0.9
4.95
5.20
OUTPUT CURRENT 2, IO2 (A)
5.10
5.05
5.15
1.0
0.0
5.25
5.00
0.4
0.5
0.3
VI = LOW LINE
VI = NOM LINE
VI = HIGH LINE


Podobny numer części - LC010B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
LC010B MACOM-LC010B Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
LC010B GE-LC010B Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC010B LINEAGEPOWER-LC010B Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010BK MACOM-LC010BK Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
LC010BK GE-LC010BK Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results

Podobny opis - LC010B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Semiconductor
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW015A91 LINEAGEPOWER-LW015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
General Semiconductor
JC030D-M GE-JC030D-M Datasheet
738Kb / 20P
   JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com