Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP3057B Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części TP3057B
Szczegółowy opis  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TP3057B Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TP3057B Datasheet HTML 4Page - Texas Instruments TP3057B Datasheet HTML 5Page - Texas Instruments TP3057B Datasheet HTML 6Page - Texas Instruments TP3057B Datasheet HTML 7Page - Texas Instruments TP3057B Datasheet HTML 8Page - Texas Instruments TP3057B Datasheet HTML 9Page - Texas Instruments TP3057B Datasheet HTML 10Page - Texas Instruments TP3057B Datasheet HTML 11Page - Texas Instruments TP3057B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TP3054B, TP3057B, TP13054B, TP13057B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS042A – MAY 1990 – REVISED JULY 1996
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
envelope delay distortion with frequency
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Transmit delay, absolute (at 0 dBm0)
f = 1600 Hz
290
315
µs
f = 500 Hz to 600 Hz
195
220
f = 600 Hz to 800 Hz
120
145
f = 800 Hz to 1000 Hz
50
75
Transmit delay, relative to absolute
f = 1000 Hz to 1600 Hz
20
40
µs
f = 1600 Hz to 2600 Hz
55
75
f = 2600 Hz to 2800 Hz
80
105
f = 2800 Hz to 3000 Hz
130
155
Receive delay, absolute (at 0 dBm0)
f = 1600 Hz
180
200
µs
f = 500 Hz to 1000 Hz
–40
–25
f = 1000 Hz to 1600 Hz
–30
–20
Receive delay, relative to absolute
f = 1600 Hz to 2600 Hz
70
90
µs
f = 2600 Hz to 2800 Hz
100
125
µs
f = 2800 Hz to 3000 Hz
140
175
† All typical values are at VCC = 5 V, VBB = –5 V, and TA = 25°C.
noise
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Transmit noise, C-message weighted‡
TP3054B,
TP13054B
VFXI = 0 V
5
9
dBrnC0
Transmit noise, psophometric weighted
(see Note 5)
TP3057B,
TP13057B
VFXI = 0 V
–74
–69
dBm0p
Receive noise, C-message weighted
TP3054B,
TP13054B
PCM code equals alternating positive
and negative zero
2
4
dBrnC0
Receive noise, psophometric weighted
TP3057B,
TP13057B
PCM code equals positive zero
–86
–83
dBm0p
Noise, single frequency
VFXI+ = 0 V,
f = 0 kHz to 100 kHz,
Loop-around measurement
–53
dBm0
† All typical values are at VCC = 5 V, VBB = –5 V, and TA = 25°C.
‡ This parameter is achieved through use of patented circuitry and is not recommended for applications in which the composite signals on the
transmit side are below – 55 dBm0.
NOTE 5: Measured by extrapolation from the distortion test result.


Podobny numer części - TP3057B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TP3057B TI-TP3057B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3057BDW TI-TP3057BDW Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3057BN TI-TP3057BN Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results

Podobny opis - TP3057B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com