Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STEF4SPUR Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części STEF4SPUR
Szczegółowy opis  Electronic fuse for 3.3 V and 5 V lines
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

STEF4SPUR Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  STEF4SPUR Datasheet HTML 1Page - List of Unclassifed Manufacturers STEF4SPUR Datasheet HTML 2Page - List of Unclassifed Manufacturers STEF4SPUR Datasheet HTML 3Page - List of Unclassifed Manufacturers STEF4SPUR Datasheet HTML 4Page - List of Unclassifed Manufacturers STEF4SPUR Datasheet HTML 5Page - List of Unclassifed Manufacturers STEF4SPUR Datasheet HTML 6Page - List of Unclassifed Manufacturers STEF4SPUR Datasheet HTML 7Page - List of Unclassifed Manufacturers STEF4SPUR Datasheet HTML 8Page - List of Unclassifed Manufacturers STEF4SPUR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Pin configuration
STEF4S
4/21
DocID025259 Rev 1
2
Pin configuration
Figure 2. Pin configuration (top view)
Table 2. Pin description
Pin n°
Symbol
Note
1, 2, 3
VIN
Input supply voltage pin
4VCP
Voltage clamping and UVLO selection pin (high state 5 V, low state 3.3 V)
5
GND
Ground pin (can be left floating if TAB is connected to GND)
6
SST
Soft-start time selection pin. A capacitor can be connected between this pin and GND to
increase the startup time
7
EN
Enable pin (active high)
8,9,10
VOUT
Output voltage pin
EXP
GND
Exposed pad is internally connected to GND


Podobny numer części - STEF4SPUR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEF4S STMICROELECTRONICS-STEF4S Datasheet
641Kb / 22P
   Electronic fuse for 3.3 V and 5 V lines
December 2014 Rev 2
More results

Podobny opis - STEF4SPUR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEF4S STMICROELECTRONICS-STEF4S Datasheet
641Kb / 22P
   Electronic fuse for 3.3 V and 5 V lines
December 2014 Rev 2
STEF033 STMICROELECTRONICS-STEF033 Datasheet
1Mb / 25P
   Electronic fuse for 3.3 V line
January 2015 Rev 2
STEL12H24 STMICROELECTRONICS-STEL12H24 Datasheet
728Kb / 26P
   Electronic switch for 12 V, 5 V and 3.3 V buses
October 2021 Rev 1
STEF512GR STMICROELECTRONICS-STEF512GR Datasheet
1Mb / 22P
   Dual electronic fuse for 5 V and 12 V rails
Rev 2 - March 2020
STEF05 STMICROELECTRONICS-STEF05 Datasheet
1Mb / 20P
   Electronic fuse for 5 V line
STEF05D STMICROELECTRONICS-STEF05D Datasheet
1Mb / 19P
   Electronic fuse for 5 V line
March 2013 Rev 1
STEF512PUR STMICROELECTRONICS-STEF512PUR Datasheet
1Mb / 21P
   Dual electronic fuse (eFuse) for 5 V and 12 V rails
DS13182 - Rev 3 - September 2020
logo
ON Semiconductor
NIS6432 ONSEMI-NIS6432_V01 Datasheet
533Kb / 13P
   Electronic Fuse, 3.3/5 Volt
November, 2020 ??Rev. 5
NIS6432 ONSEMI-NIS6432 Datasheet
210Kb / 9P
   Electronic Fuse, 3.3/5 Volt
February, 2020 ??Rev. 2
logo
STMicroelectronics
STEF512SRX STMICROELECTRONICS-STEF512SRX Datasheet
3Mb / 27P
   Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
Rev 1 - January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com