Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3117D2RHBT Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3117D2RHBT
Szczegółowy opis  15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3117D2RHBT Arkusz danych(HTML) 1 Page - Texas Instruments

  TPA3117D2RHBT Datasheet HTML 1Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 2Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 3Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 4Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 5Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 6Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 7Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 8Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LINP
LINN
RINP
RINN
SD
FSEL
PLIMIT
PBTL
PVCC
8 to 26V
1 F
m
OUTNL
FERRITE
BEAD
FILTER
OUTPL
15W
FERRITE
BEAD
FILTER
FERRITE
BEAD
FILTER
8W
OUTR+
OUTR-
OUTL+
OUTL-
Audio
Source
TPA3117D2
GAIN0
REG_OUT
OUTNR
FERRITE
BEAD
FILTER
OUTPR
15W
8W
FERRITE
BEAD
FILTER
FERRITE
BEAD
FILTER
VDD
GAIN1
10W
2.2 F
m
TPA3117D2
www.ti.com
SLOS672 – OCTOBER 2010
15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard™
Check for Samples: TPA3117D2
1
FEATURES
APPLICATIONS
Televisions
2
15-W/ch into 8
Ω Loads at 10% THD+N From a
16V Supply
Consumer Audio Equipment
All-in-One Computers
10-W/ch into 8
Ω Loads at 10% THD+N From a
13V Supply
DESCRIPTION
90% Efficient Class-D Operation Eliminates
Need for Heat Sinks
The TPA3117D2 is a 15W (per channel) efficient,
Class-D audio power amplifier for driving bridged-tied
Wide Supply Voltage Range Allows Operation
stereo
speakers.
Advanced
EMI
Suppression
from 8V to 26V
Technology enables the use of inexpensive ferrite
Filter-Free Operation
bead filters at the outputs while meeting EMC
SpeakerGuard™ Speaker Protection Includes
requirements. SpeakerGuard™ speaker protection
Adjustable Power Limiter
circuitry includes an adjustable power limiter. The
adjustable power limiter allows the user to set a
Excellent THD+N / Pop-Free Performance
"virtual" voltage rail lower than the chip supply to limit
Four Selectable, Fixed Gain Settings
the amount of current through the speaker.
Differential Inputs
The TPA3117D2 can drive stereo speakers as low as
Selectable Switching Frequency (290kHz or
4
Ω. The high efficiency of the TPA3117D2, 90%,
390kHz) Allows Multiple Devices to be Used in
eliminates the need for an external heat sink when
One System
playing music.
Integrated 5V Regulator With up to 30 mA of
The outputs are also fully protected against shorts to
Output Current for Powering External Data
GND, VCC, and output-to-output. The short-circuit
Converters
protection
and
thermal
protection
includes
an
auto-recovery feature.
5mm x 5mm QFN Packaging
SPACER
Figure 1. TPA3117D2 Simplified Application Schematic
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SpeakerGuard is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - TPA3117D2RHBT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results

Podobny opis - TPA3117D2RHBT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2 TI1-TPA3110D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com