Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF226RW Arkusz danych(PDF) 1 Page - MicroPower Direct, LLC

Numer części LF226RW
Szczegółowy opis  LF200RW SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MPD [MicroPower Direct, LLC]
Strona internetowa  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF226RW Arkusz danych(HTML) 1 Page - MicroPower Direct, LLC

  LF226RW Datasheet HTML 1Page - MicroPower Direct, LLC LF226RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
2W Output Power
2:1 Input Voltage Range
1,500 VDC Isolation
Short Circuit Protected
Miniature SMT Package
Single & Dual Outputs
1.0 MH MTBF
Industry Standard Pin-Out
LF200RW
Miniature SMT, 2W
Wide Input Range
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Start Voltage
5 VDC Input
3.5
4.0
4.5
VDC
12 VDC Input
4.5
7.0
9.0
24 VDC Input
8.0
12.0
18.0
48 VDC Input
16.0
24.0
36.0
Input Filter
 (Pi) Filter
Reverse Polarity Input Current
1.0
A
Short Circuit Input Power
1,500
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±2.0
%
Output Voltage Balance
±1.0
±2.0
%
Line Regulation
Vin = Min to Max
±0.3
±0.5
%
Load Regulation
Iout = 25% to 100%
±0.5
±0.75
%
Ripple & Noise (20 MHz)
See Note 1
30
50
mV P - P
Ripple & Noise (20 MHz)
Over Line, Load & Temp.
75
mV P - P
Ripple & Noise (20 MHz)
15
mV rms
Output Power Protection
120
%
Transient Response Time, See Note 2
50% Load Step Change
100
300
µSec
Transient Response Deviation
±3.0
±5.0
%
Temperature Coefficient
±0.01
±0.02
%/°C
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Test Voltage
Flash Tested For 1 Sec
1,650
VDC
Isolation Resistance
1,000 VDC
1,000
M
Isolation Capacitance
100 kHz, 1V
250
420
pF
Switching Frequency
300
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+65
°C
Operating Temperature Range
Case
+90
°C
Storage Temperature Range
-40
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.94 x 0.54 x 0.30 Inches (23.8 x 13.7 x 7.62 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.18 Oz (5.1g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
1.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
11.0
VDC
12 VDC Input
-0.7
25.0
24 VDC Input
-0.7
50.0
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case For 10 Sec
260
°C
Internal Power Dissipation
All Models
1,800
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Podobny numer części - LF226RW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MicroPower Direct, LLC
LF226RW MPD-LF226RW Datasheet
174Kb / 2P
   Miniature SMT, 2W Wide Input Range DC/DC Converters
More results

Podobny opis - LF226RW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com