Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1601616CY Arkusz danych(PDF) 2 Page - LightKey Optoelectronics Ltd.

Numer części LM1601616CY
Szczegółowy opis  1.50 inch 16x16 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LIGHTKEY [LightKey Optoelectronics Ltd.]
Strona internetowa  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM1601616CY Arkusz danych(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM1601616CY Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM1601616CY Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM1601616CY Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121854
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.5 inch 16x16 Dot Matrix LED Display
Internal Circuit Diagram
LM1601616D (Common Cathode Row)
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM1601616CR
LM1601616DR
GaAlAs
Super Red
640
8
10
LM1601616CD
LM1601616DD
GaAlAs
Hi-Red
640
18
25
LM1601616CO
LM1601616DO
GaAsP
Orange
625
7
9
LM1601616CY
LM1601616DY
GaAsP
Yellow
588
8
10
LM1601616CG
LM1601616DG
GaP
Green
568
7
9
LM1601616CUR
LM1601616DUR
AlGaInP
Ultra Red
640
30
45
LM1601616CUO
LM1601616DUO
AlGaInP
Ultra Orange
625
45
60
LM1601616CUA
LM1601616DUA
AlGaInP
Ultra Amber
605
30
45
LM1601616CUY
LM1601616DUY
AlGaInP
Ultra Yellow
595
30
45
LM1601616CUG
LM1601616DUG
AlGaInP
Ultra Green
573
30
45
LM1601616CPG
LM1601616DPG
InGaN
Pure Green
525
120
300
LM1601616CUB
LM1601616DUB
InGaN
Ultra Blue
470
30
45
LM1601616CUW
LM1601616DUW
SMD
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd


Podobny numer części - LM1601616CY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LightKey Optoelectronic...
LM1601616AB LIGHTKEY-LM1601616AB Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616AD LIGHTKEY-LM1601616AD Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616AG LIGHTKEY-LM1601616AG Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616AO LIGHTKEY-LM1601616AO Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616APG LIGHTKEY-LM1601616APG Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
More results

Podobny opis - LM1601616CY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LightKey Optoelectronic...
LM1601616AB LIGHTKEY-LM1601616AB Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
   1.50 inch 8x8 Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-16151G CHINASEMI-CSM-16151G Datasheet
256Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151E CHINASEMI-CSM-16151E Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151S CHINASEMI-CSM-16151S Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151A9 CHINASEMI-CSM-16151A9 Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151M9 CHINASEMI-CSM-16151M9 Datasheet
260Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151T9 CHINASEMI-CSM-16151T9 Datasheet
260Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151V9 CHINASEMI-CSM-16151V9 Datasheet
255Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
logo
LightKey Optoelectronic...
LM2601616AB LIGHTKEY-LM2601616AB Datasheet
212Kb / 3P
   LM2601616A/B Series ??1.60 inch 16x16 Dot Matrix LED Display
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com