Zakładka z wyszukiwarką danych komponentów |
|
LM23088BRG Arkusz danych(PDF) 1 Page - LightKey Optoelectronics Ltd. |
|
LM23088BRG Arkusz danych(HTML) 1 Page - LightKey Optoelectronics Ltd. |
1 / 3 page LightKey SPEC NO: DS10121836 REV: A.4 CHECKED: Emily Zhou APPROVED: M.H. Lin PAGE: 1/3 HTTP://WWW.DISPLAY-LEDS.COM TEL: 0086-574-86322282 DATE: Jul/20/2011 Datasheet of 2.30 inch 8x8 Dual Color Dot Matrix LED Display LM23088A/BRG Series – 2.30 inch 8x8 Dual Color Dot Matrix LED Display ATTENTION OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES Features 60.20mm (2.30inch) digit high Dot size: Diameter 5.00 mm Pitch: 7.62 mm Wide viewing angle Emitted colors: red and green I.C. compatible Low power consumption White dot, grey or black face Available options Alternative emitting luminosity: Standard or high brightness version Alternative emitted color Alternative dot color Alternative face Both CC and CA versions are available Cropped terminal pins RoHS compliant Package Dimensions 2.54*11=27.94 60.20 7.62*7=53.34 PIN 1 COL. 46.40 ROW 8 6 7 4 5 2 3 1 3 12 4 5 8 67 5.0 0 0.60 Notes: 1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted. 2. Specifications are subject to change without notice. 3. The gap between the reflector and PCB shall not exceed 0.25mm. |
Podobny numer części - LM23088BRG |
|
Podobny opis - LM23088BRG |