Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM20157AR Arkusz danych(PDF) 2 Page - LightKey Optoelectronics Ltd.

Numer części LM20157AR
Szczegółowy opis  2.00 inch 5x7 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LIGHTKEY [LightKey Optoelectronics Ltd.]
Strona internetowa  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM20157AR Arkusz danych(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM20157AR Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM20157AR Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM20157AR Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121830
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 2.00 inch 5x7 Square Dot Matrix LED Display
Internal Circuit Diagram
LM20157A (Common Cathode Row)
LM20157B (Common Anode Row)
3
2
4
5
6
7
ROW
1
2
2
3
12
7
1
14
5
8
PIN
NO.
PIN
9
NO.
COL.
13
1
411
3
10
6
4
5
7
2
4
6
5
3
2
ROW
1
7
1
8
5
13
PIN
NO.
9
PIN
NO.
NO.
COL.
3
12
4 11
10
3
4
6
5
12
14
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM20157AR
LM20157BR
GaAlAs
Super Red
627
8
10
LM20157AD
LM20157BD
GaAlAs
Hi-Red
627
18
25
LM20157AO
LM20157BO
GaAsP
Orange
610
7
9
LM20157AY
LM20157BY
GaAsP
Yellow
588
8
10
LM20157AG
LM20157BG
GaP
Green
568
7
9
LM20157AUR
LM20157BUR
AlGaInP
Ultra Red
627
30
45
LM20157AUO
LM20157BUO
AlGaInP
Ultra Orange
610
45
60
LM20157AUA
LM20157BUA
AlGaInP
Ultra Amber
605
30
45
LM20157AUY
LM20157BUY
AlGaInP
Ultra Yellow
595
30
45
LM20157AUG
LM20157BUG
AlGaInP
Ultra Green
573
30
45
LM20157APG
LM20157BPG
InGaN
Pure Green
525
120
300
LM20157AUB
LM20157BUB
InGaN
Ultra Blue
470
30
45
LM20157AUW
LM20157BUW
InGaN
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd


Podobny numer części - LM20157AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM20154 NSC-LM20154 Datasheet
723Kb / 22P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20154 NSC-LM20154 Datasheet
723Kb / 22P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20154MH NSC-LM20154MH Datasheet
723Kb / 22P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20154MH NSC-LM20154MH Datasheet
723Kb / 22P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
logo
Texas Instruments
LM20154MH TI1-LM20154MH Datasheet
1Mb / 31P
[Old version datasheet]   LM20154/LM20154-Q1 4A, 1MHz Synchronous Buck Regulator with SYNCOUT
More results

Podobny opis - LM20157AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LightKey Optoelectronic...
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
LM20057ABRG LIGHTKEY-LM20057ABRG Datasheet
169Kb / 3P
   2.00 inch 5x7 Dual Color Dot Matrix LED Display
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LM40057CD LIGHTKEY-LM40057CD Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
logo
Marktech Corporate
MTAN2120-AG MARKTECH-MTAN2120-AG Datasheet
45Kb / 1P
   Marktech 2.00 5x7 Dot Matrix
logo
Unity Opto Technology
UVP-1X57A UOT-UVP-1X57A Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-7X7 UOT-UVP-7X7 Datasheet
86Kb / 5P
   0.7 inch ( 17.22mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-4X57XX UOT-UVP-4X57XX Datasheet
98Kb / 5P
   4.0 inch ( 101.6mm ) 5X7 DOT MATRIX LED DISPLAY
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com