Zakładka z wyszukiwarką danych komponentów |
|
LM20057BUR Arkusz danych(PDF) 1 Page - LightKey Optoelectronics Ltd. |
|
LM20057BUR Arkusz danych(HTML) 1 Page - LightKey Optoelectronics Ltd. |
1 / 3 page LightKey SPEC NO: DS10121826 REV: A.4 CHECKED: Emily Zhou APPROVED: M.H. Lin PAGE: 1/3 HTTP://WWW.LTKEY.COM TEL: 0086-574-86322282 DATE: Jul/20/2011 Datasheet of 2.00 inch 5x7 Dot Matrix LED Display LM20057A/B Series – 2.00 inch 5x7 Dot Matrix LED Display ATTENTION OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES Features 53.10mm (2.00 inch) digit high Dot size: Diameter 5.00 mm Pitch: 7.62mm Wide viewing angle Range of emitted colors I.C. compatible Low power consumption White dot, grey or black face Available options Alternative emitting luminosity: Standard or high brightness version Alternative emitted color Alternative dot color Alternative face Both CC and CA versions are available Cropped terminal pins RoHS compliant Package Dimensions 0.60 COL. 2.54*6=15.24 7.62*4=30.48 37.80 PIN 1 5.0 38.10 5 4 3 2 1 7 6 5 4 ROW 3 2 1 Notes: 1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted. 2. Specifications are subject to change without notice. 3. The gap between the reflector and PCB shall not exceed 0.25mm. |
Podobny numer części - LM20057BUR |
|
Podobny opis - LM20057BUR |