Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM15088ARG Arkusz danych(PDF) 3 Page - LightKey Optoelectronics Ltd.

Numer części LM15088ARG
Szczegółowy opis  LM15088A/BRG Series ??1.50 inch 8x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LIGHTKEY [LightKey Optoelectronics Ltd.]
Strona internetowa  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM15088ARG Arkusz danych(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LM15088ARG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM15088ARG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM15088ARG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121819
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.50 inch 8x8 Dual Color Dot Matrix LED Display
Electrical Characteristics & Absolute Maximum Ratings
LM15088A/BRG
Electrical optical
Characteristics
[1]
Absolute Maximum Ratings
[1]
VF(V)
@ IF=20mA
[2]
Color
Typ.
Max.
Reverse
Current
VR=5V
(uA)
Power
Dissipation
(mW)
DC Forward
Current
(mA)
Peak Forward
Current
[3]
(mA)
Reverse
Voltage
(V)
Super Red
1.8
2.2
30
60
25
100
5
Green
2.2
2.5
30
80
30
100
5
Ultra Red
1.9
2.6
30
60
30
100
5
Ultra Green
2.1
2.6
300
75
30
100
5
Operating/ Storage Temp.: -40 to +80 deg.;
Lead Solder Temp.: 260 deg. for 3-5 Sec. 2mm below package base
Notes:
1. At Ta = 25 °C.
2. Forward voltage at forward current = 20mA.
3. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Podobny numer części - LM15088ARG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LightKey Optoelectronic...
LM15088AR LIGHTKEY-LM15088AR Datasheet
226Kb / 3P
   LM15088A/B Series ??1.50 inch 8x8 Dot Matrix LED Display
More results

Podobny opis - LM15088ARG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LightKey Optoelectronic...
LM15088AB LIGHTKEY-LM15088AB Datasheet
226Kb / 3P
   LM15088A/B Series ??1.50 inch 8x8 Dot Matrix LED Display
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
   1.50 inch 8x8 Dot Matrix LED Display
LM7088ABRG LIGHTKEY-LM7088ABRG Datasheet
93Kb / 3P
   LM7088A/BRG Series - 0.70 inch 8x8 Dot Matrix LED Display
LM23088ABRG LIGHTKEY-LM23088ABRG Datasheet
212Kb / 3P
   LM23088A/BRG Series ??2.30 inch 8x8 Dual Color Dot Matrix LED Display
LM1601616AB LIGHTKEY-LM1601616AB Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616CD LIGHTKEY-LM1601616CD Datasheet
151Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM19088CD LIGHTKEY-LM19088CD Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM19088EFRG LIGHTKEY-LM19088EFRG Datasheet
296Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com