Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM12457AD Arkusz danych(PDF) 3 Page - LightKey Optoelectronics Ltd.

Numer części LM12457AD
Szczegółowy opis  LM7057A/B Series - 0.70 inch 5x7 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LIGHTKEY [LightKey Optoelectronics Ltd.]
Strona internetowa  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM12457AD Arkusz danych(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LM12457AD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM12457AD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM12457AD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121816
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.20 inch 5x7 Square Dot Matrix LED Display
Electrical Characteristics & Absolute Maximum Ratings
Electrical
Characteristics
[1]
Absolute Maximum Ratings
[1]
VF@
IF=20mA
[2]
Color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[3]
Super Red
Per Dot
1.8
2.2
30
60
25
100
Hi-Red
Per Dot
1.8
2.2
30
60
25
100
Orange
Per Dot
2.1
2.5
30
80
30
100
Yellow
Per Dot
2.1
2.5
30
80
30
100
Green
Per Dot
2.2
2.5
30
80
30
100
Ultra Red
Per Dot
1.9
2.6
30
60
30
100
Ultra Orange
Per Dot
2.0
2.6
30
65
30
100
Ultra Amber
Per Dot
2.0
2.6
30
65
30
100
Ultra Yellow
Per Dot
2.0
2.6
30
65
30
100
Ultra Green
Per Dot
2.1
2.6
30
75
30
100
Pure Green
Per Dot
3.5
4.0
30
110
30
100
Ultra Blue
Per Dot
3.5
4.0
30
120
30
100
Ultra White
Per Dot
3.5
4.0
30
120
30
100
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Forward voltage at forward current = 20mA.
3. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Podobny numer części - LM12457AD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
List of Unclassifed Man...
LM12454 ETC-LM12454 Datasheet
1Mb / 103P
   General Purpose Controller Z84C15
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
More results

Podobny opis - LM12457AD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LightKey Optoelectronic...
LM7057AB LIGHTKEY-LM7057AB Datasheet
117Kb / 3P
   LM7057A/B Series - 0.70 inch 5x7 Dot Matrix LED Display
LM7057ABRG LIGHTKEY-LM7057ABRG Datasheet
74Kb / 3P
   LM7057A/BRG Series - 0.70 inch 5x7 Dual Color Dot Matrix LED Display
LM7057GH LIGHTKEY-LM7057GH Datasheet
249Kb / 3P
   LM7057G/H Series - 0.70 inch 5x7 Dot Matrix LED Display
LM7088AB LIGHTKEY-LM7088AB Datasheet
131Kb / 3P
   LM7088A/B Series - 0.70 inch 8x8 Dot Matrix LED Display
LM12057CDRG LIGHTKEY-LM12057CDRG Datasheet
168Kb / 3P
   LM12057A/B Series -1.20 inch 5x7 Dot Matrix LED Display
LM12357AB LIGHTKEY-LM12357AB Datasheet
243Kb / 3P
   LM12357A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AB LIGHTKEY-LM12057AB Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM30057AB LIGHTKEY-LM30057AB Datasheet
139Kb / 3P
   LM30057A/B Series . 3.00 inch 5x7 Dot Matrix LED Display
LM12157ABRG LIGHTKEY-LM12157ABRG Datasheet
215Kb / 3P
   LM12157A/B Series . 1.20 inch 5x7 Dot Matrix LED Display
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com