Zakładka z wyszukiwarką danych komponentów |
|
1N4058 Arkusz danych(PDF) 2 Page - Compensated Deuices Incorporated |
|
1N4058 Arkusz danych(HTML) 2 Page - Compensated Deuices Incorporated |
2 / 2 page MAXIMUM RATINGS Operating Temperature: -65°C to +150°C Storage Temperature: -65°C to +150°C DC Power Dissipation: Case 8 1.5 Watts @ +25°C Case 9 2.0 Watts @ +25°C Case 10 2.5 Watts @ +25°C Power Derating: Case 8 12 mW / °C above +25°C Case 9 16 mW / °C above +25°C Case 10 20 mW / °C above +25°C 3.0 2.5 2.0 1.5 1.0 0.5 0 3.0 2.5 2.0 1.5 1.0 0.5 0 3.0 2.5 2.0 1.5 1.0 0.5 0 TL, Lead temperature (C°) \ 3/8” from body CASE 9 TL, Lead temperature (C°) 3/8” from body CASE 8 TL, Lead temperature (C°) 3/8” from body CASE 10 0 25 50 75 100 125 150 175 200 0 25 50 75 100 125 150 175 200 0 25 50 75 100 125 150 175 200 FIGURE 2 POWER DERATING CURVE NOTE 1 Zener voltage range equals nominal Zener voltage + 5%. NOTE 2 Zener impedance is derived by superimposing on l ZT A 60Hz rms a.c. current equal to 10% of l ZT . NOTE 3 The “maximum millivolt change” (see Table) is the maximum allowable change observed over the entire temperature range, per JEDEC standard No.5. 1N4057 thru 1N4085A |
Podobny numer części - 1N4058 |
|
Podobny opis - 1N4058 |