Zakładka z wyszukiwarką danych komponentów |
|
ML112S15EI Arkusz danych(PDF) 1 Page - MicroPower Direct, LLC |
|
ML112S15EI Arkusz danych(HTML) 1 Page - MicroPower Direct, LLC |
1 / 2 page ML100SEI Low Cost, Single Output 1W High Isolation SMT DC/DC Converters MicroPower Direct 292 Page Street Suite D Stoughton, MA 02072 USA T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com www.micropowerdirect.com Electrical Specifications Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice. Input Parameter Conditions Min. Typ. Max. Units Input Voltage Range 5 VDC Input 4.5 5.0 5.5 VDC 12 VDC Input 10.8 12.0 13.2 15 VDC Input 13.5 15.0 16.5 24 VDC Input 21.6 24.0 26.4 Input Filter Capacitor Output Parameter Conditions Min. Typ. Max. Units Output Voltage Accuracy ±3.0 % Capacitive Load 220 µF Line Regulation For Vin Change of 1% ±1.2 % Load Regulation, See Note 1 See Model Selection Guide Ripple & Noise (20 MHz), See Note 2 Output Voltage <12 VDC 30 mV P - P 15 VDC, 24 VDC Output 60 Temperature Coefficient ±0.03 %/ºC Output Short Circuit Continuous (Autorecovery) General Parameter Conditions Min. Typ. Max. Units Isolation Voltage 60 Seconds 3,000 VDC Isolation Resistance 500 VDC 1,000 M Isolation Capacitance, See Note 3 100 kHz, 1V 20 pF Switching Frequency 100 300 kHz EMI Characteristics Parameter Conditions Min. Typ. Max. Units EMI Compliance, See Note 5 Conducted CISPR22/EN 55022 Level B EMC Compliance Electrostatic Discharge (ESD) EN 61000-4-2 Level B Contact ±8 kV Environmental Parameter Conditions Min. Typ. Max. Units Operating Temperature Range Ambient -40 +25 +105 ºC Storage Temperature Range -55 +125 ºC Cooling Free Air Convection Humidity RH, Non-condensing 95 % Physical Case Size 0.50 x 0.327 x 0.285 Inches (12.70 x 8.30 x 7.25 mm) Case Material Non-Conductive Black Plastic (UL94-V0) Weight 0.05 Oz (1.52g) Reliability Specifications Parameter Conditions Min. Typ. Max. Units MTBF MIL HDBK 217F, 25ºC, Gnd Benign 3.5 MHours Absolute Maximum Ratings Parameter Conditions Min. Typ. Max. Units Input Voltage Surge (1 Sec) 5 VDC Input -0.7 9.0 VDC 12 VDC Input -0.7 18.0 15 VDC Input -0.7 21.0 24 VDC Input -0.7 30.0 Lead Temperature 1.5 mm From Case For 10 Sec 300.0 ºC Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings. Key Features: • 1W Output Power • Ultra-Miniature SMT Case • 3,000 VDC Isolation • Short Circuit Protected • Single Output • -40°C to +105°C Operation • >3.5 MHour MTBF • 14 Standard Models • LOW COST! Series |
Podobny numer części - ML112S15EI |
|
Podobny opis - ML112S15EI |