Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA2903YFV-ME2 Arkusz danych(PDF) 9 Page - Rohm

Numer części BA2903YFV-ME2
Szczegółowy opis  Automotive Ground Sense Comparators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA2903YFV-ME2 Arkusz danych(HTML) 9 Page - Rohm

Back Button BA2903YFV-ME2 Datasheet HTML 5Page - Rohm BA2903YFV-ME2 Datasheet HTML 6Page - Rohm BA2903YFV-ME2 Datasheet HTML 7Page - Rohm BA2903YFV-ME2 Datasheet HTML 8Page - Rohm BA2903YFV-ME2 Datasheet HTML 9Page - Rohm BA2903YFV-ME2 Datasheet HTML 10Page - Rohm BA2903YFV-ME2 Datasheet HTML 11Page - Rohm BA2903YFV-ME2 Datasheet HTML 12Page - Rohm BA2903YFV-ME2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
www.rohm.com © 2012 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RFR1G200550-1-2
TSZ22111・15・001
9/24
25.SEP.2012 Rev.001
BA2903Yxxx-M, BA2901Yxx-M
Datasheet
○BA2903Yxxx-M
(*)The data above is measurement value of typical sample, it is not guaranteed.
Fig.14
Input Offset Current
– Ambient Temperature
Fig.15
Large Signal Voltage Gain
– Supply Voltage
Fig.17
Common Mode Rejection Ratio
– Supply Voltage
Fig.16
Large Signal Voltage Gain
– Ambient Temperature
60
70
80
90
100
110
120
130
140
0
1020
3040
SUPPLY VOLTAGE [V]
-50
-40
-30
-20
-10
0
10
20
30
40
50
-50
-25
0
255075
100 125 150
AMBIENT TEMPERATURE [℃]
60
70
80
90
100
110
120
130
140
-50
-25
0
255075
100
125
150
AMBIENT TEMPERATURE [℃]
40
60
80
100
120
140
160
0
102030
40
SUPPLY VOLTAGE [V]
2V
5V
36V
125℃
-40℃
25℃
15V
5V
36V
-40℃
25℃
125℃


Podobny numer części - BA2903YFV-ME2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2903YFV-CE2 ROHM-BA2903YFV-CE2 Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-CE2 ROHM-BA2903YFV-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
BA2903YFV-CE2 ROHM-BA2903YFV-CE2 Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
More results

Podobny opis - BA2903YFV-ME2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com