Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA2901YFV-ME2 Arkusz danych(PDF) 4 Page - Rohm

Numer części BA2901YFV-ME2
Szczegółowy opis  Automotive Ground Sense Comparators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA2901YFV-ME2 Arkusz danych(HTML) 4 Page - Rohm

  BA2901YFV-ME2 Datasheet HTML 1Page - Rohm BA2901YFV-ME2 Datasheet HTML 2Page - Rohm BA2901YFV-ME2 Datasheet HTML 3Page - Rohm BA2901YFV-ME2 Datasheet HTML 4Page - Rohm BA2901YFV-ME2 Datasheet HTML 5Page - Rohm BA2901YFV-ME2 Datasheet HTML 6Page - Rohm BA2901YFV-ME2 Datasheet HTML 7Page - Rohm BA2901YFV-ME2 Datasheet HTML 8Page - Rohm BA2901YFV-ME2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
www.rohm.com © 2012 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RFR1G200550-1-2
TSZ22111・15・001
4/24
25.SEP.2012 Rev.001
BA2903Yxxx-M, BA2901Yxx-M
Datasheet
●Electrical Characteristics
○BA2903Yxxx-M (Unless otherwise specified VCC=+5V, VEE=0V)
Parameter
Symbol
Temperature
range
Limits
Unit
Conditions
Min.
Typ.
Max.
Input Offset Voltage
*8
Vio
25℃
-
2
7
mV
VOUT=1.4V
Full range
-
-
15
VCC=5 to 36V, VOUT=1.4V
Input Offset Current
*8
Iio
25℃
-
5
50
nA
VOUT=1.4V
Full range
-
-
200
Input Bias Current
*8
Ib
25℃
-
50
250
nA
VOUT=1.4V
Full range
-
-
500
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
V
-
Large Signal Voltage Gain
AV
25℃
88
100
-
dB
VCC=15V, VOUT=1.4 to 11.4V
RL=15k
Ω, VRL=15V
Full range
74
-
-
Supply Current
ICC
25℃
-
0.6
1
mA
VOUT=open
Full range
-
-
2.5
VOUT=open, VCC=36V
Output Sink Current
*9
IOL
25℃
6
16
-
mA
VIN+=0V, VIN-=1V
VOL=1.5V
Output Saturation Voltage
(Low level output voltage)
VOL
25℃
-
150
400
mV
VIN+=0V, VIN-=1V
IOL=4mA
Full range
-
-
700
Output Leakage Current
(High level output voltage)
Ileak
25℃
-
0.1
-
μA
VIN+=1V, VIN-=0V
VOH=5V
Full range
-
-
1
VIN+=1V, VIN-=0V
VOH=36V
Response Time
Tre
25℃
-
1.3
-
μs
RL=5.1[kΩ],VRL=5[V],
VIN=100[mVp-p],
overdrive=5[mV]
Full range
-
0.4
-
RL=5.1[kΩ],VRL=5[V],VIN=TTL
Logic Swing, VREF=1.4[V]
*8
Absolute value
*9
Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.
○BA2901Yxx-M (Unless otherwise specified VCC=+5V, VEE=0V)
Parameter
Symbol
Temperature
range
Limits
Unit
Conditions
Min.
Typ.
Max.
Input Offset Voltage
*10
Vio
25℃
-
2
7
mV
VOUT=1.4V
Full range
-
-
15
VCC=5 to 36V, VOUT=1.4V
Input Offset Current
*10
Iio
25℃
-
5
50
nA
VOUT=1.4V
Full range
-
-
200
Input Bias Current
*10
Ib
25℃
-
50
250
nA
VOUT=1.4V
Full range
-
-
500
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
V
-
Large Signal Voltage Gain
AV
25℃
88
100
-
dB
VCC=15V, VOUT=1.4 to 11.4V
RL=15k
Ω, VRL=15V
Full range
74
-
-
Supply Current
ICC
25℃
-
0.8
2
mA
VOUT=open
Full range
-
-
2.5
VOUT=open, VCC=36V
Output Sink Current
*11
IOL
25℃
6
16
-
mA
VIN+=0V, VIN-=1V,
VOL=1.5V
Output Saturation Voltage
(Low level output voltage)
VOL
25℃
-
150
400
mV
VIN+=0V, VIN-=1V
IOL=4mA
Full range
-
-
700
Output Leakage Current
(High level output voltage)
Ileak
25℃
-
0.1
-
μA
VIN+=1V, VIN-=0V, VOH=5V
Full range
-
-
1
VIN+=1V, VIN-=0V, VOH=36V
Response Time
Tre
25℃
-
1.3
-
μs
RL=5.1[kΩ],VRL=5[V],
VIN=100[mVp-p],
overdrive=5[mV]
Full range
-
0.4
-
RL=5.1[kΩ],VRL=5[V],VIN=TTL
Logic Swing, VREF=1.4[V]
*10
Absolute value
*11
Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.


Podobny numer części - BA2901YFV-ME2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA2901YFV-C ROHM-BA2901YFV-C Datasheet
382Kb / 17P
   Automotive Comparators:Ground Sense
BA2901YFV-C ROHM-BA2901YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YFV-CE2 ROHM-BA2901YFV-CE2 Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2901YFV-CE2 ROHM-BA2901YFV-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
BA2901YFV-CE2 ROHM-BA2901YFV-CE2 Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
More results

Podobny opis - BA2901YFV-ME2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com