Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA3404FJ Arkusz danych(PDF) 3 Page - Rohm

Numer części BA3404FJ
Szczegółowy opis  Ground Sense Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA3404FJ Arkusz danych(HTML) 3 Page - Rohm

  BA3404FJ Datasheet HTML 1Page - Rohm BA3404FJ Datasheet HTML 2Page - Rohm BA3404FJ Datasheet HTML 3Page - Rohm BA3404FJ Datasheet HTML 4Page - Rohm BA3404FJ Datasheet HTML 5Page - Rohm BA3404FJ Datasheet HTML 6Page - Rohm BA3404FJ Datasheet HTML 7Page - Rohm BA3404FJ Datasheet HTML 8Page - Rohm BA3404FJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200140-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
3/19
26.OCT.2012 Rev.001
TSZ22111・15・001
BA3404xxx
●Electrical Characteristics
○BA3404 (Unless otherwise specified VCC=+15V, VEE=-15V, Ta=25℃)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
*6
Vio
-
2
5
mV
VOUT=0V, Vicm=0V
Input Offset Current
*6
Iio
-
5
50
nA
VOUT=0V, Vicm=0V
Input Bias Current
*6
Ib
-
70
200
nA
VOUT=0V, Vicm=0V
Large Signal Voltage Gain
Av
88
100
-
dB
RL≧2k
VOUT=±10V, Vicm=0V
Maximum Output Voltage
VOM
±13
±14
-
V
RL≧2k
Input Common-mode Voltage Range
Vicm
-15
-
13
V
VOUT=0V
Common-mode Rejection Ratio
CMRR
70
90
-
dB
VOUT=0V
Vicm=-15V to +13V
Power Supply Rejection Ratio
PSRR
80
94
-
dB
Ri≦10k
VCC=+4V to +30V
Supply Current
ICC
-
2.0
3.5
mA
RL=∞, All Op-Amps
VIN+=0V
Output Source Current
Isource
20
30
-
mA
VIN+=1V, VIN-=0V
VOUT=+12V
Output of one channel only
Output Sink Current
Isink
10
20
-
mA
VIN+=0V, VIN-=1V
VOUT= -12V
Output of one channel only
Slew rate
SR
-
1.2
-
V/
μs Av=0dB, RL=2kΩ
CL=100pF
Unity Gain Frequency
fT
-
1.2
-
MHz
RL=2k
Gain Band Width
GBW
-
1.2
-
MHz
f=100kHz
Total Harmonic Distortion
THD+N
-
0.1
-
%
VOUT=10VP-P, f=20kHz
Av=0dB, RL=2k
Channel Separation
CS
-
100
-
dB
f=1kHz, input referred
*6
Absolute value


Podobny numer części - BA3404FJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3404F ROHM-BA3404F	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404F ROHM-BA3404F Datasheet
121Kb / 3P
   Monolithic IGs
BA3404F ROHM-BA3404F Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404F ROHM-BA3404F Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA3404F ROHM-BA3404F Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results

Podobny opis - BA3404FJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com